Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCE8M00G52-R0 Datasheet(PDF) 22 Page - Murata Manufacturing Co., Ltd.

Part # CSTCE8M00G52-R0
Description  Ceramic Resonator (CERALOCK)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCE8M00G52-R0 Datasheet(HTML) 22 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCE8M00G52-R0 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
20
Note • Please read rating and CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
5
Fig. 5-1 Examples of Actual Measurement for the Stability of Oscillation Frequency (IC: TC74HCU04 (TOSHIBA), CERALOCK®: CSACW33M8X51–B0)
-40
0
40
80
120
Temperature (℃)
Max.
Min.
+0.50
+0.25
0
-0.25
-0.50
VDD = +5V
110
0
-0.25
-0.50
+0.25
0
+0.50
CL2/CL1
VDD = +5V
CL1 = 6pF Const.
1
10
100
0
-0.25
-0.50
+0.25
0
+0.50
CL (pF)
VDD = +5V
2
4
6
8
0
-0.25
-0.50
+0.25
+0.50
VDD (V)
110
0
-0.25
-0.50
+0.25
0
+0.50
CL1/CL2
VDD = +5V
CL2 = 6pF Const.
Starting Voltage
Temperature Characteristics
Supply Voltage Characteristics
CL2 (CL1 = Constant) Characteristics
CL (CL1 = CL2) Characteristics
CL1 (CL2 = Constant) Characteristics
1. Stability of Oscillation Frequency
This chapter describes the general characteristics of the basic
oscillation of Fig. 4-1 (page17). Contact Murata for detailed
characteristics of oscillation with specific kinds of ICs and LSIs.
Fig. 5-1 shows examples of actual measurements for stability
of the oscillation frequency.
The stability versus temperature change is ±0.1 to 0.5% within
a range of -20 to +80°C, although it varies slightly depending
on the ceramic material.
Influence of load capacitance (CL1, CL2) on the oscillation
frequency is relatively high, as seen in formula (4-1) (Page18).
It varies approximately ±0.05% for a capacitance deviation of
±10%. The stability versus supply voltage is normally within
±0.05% in the working voltage range, although it varies with
the characteristics of the IC.
5 Characteristics of CERALOCK® Oscillation Circuits
P17E.pdf
2012.10.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com