Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCE8M00G52-R0 Datasheet(PDF) 19 Page - Murata Manufacturing Co., Ltd.

Part # CSTCE8M00G52-R0
Description  Ceramic Resonator (CERALOCK)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCE8M00G52-R0 Datasheet(HTML) 19 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCE8M00G52-R0 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
17
Note • Please read rating and CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
1. Cautions for Designing Oscillation Circuits
As described in Chapter 2, the most common oscillation
circuit with CERALOCK® is to replace L of a Colpitts
circuit with CERALOCK®. The design of the circuit
varies with the application and the IC being used, etc.
Although the basic configuration of the circuit is the
same as that of a quartz crystal, the difference in
mechanical Q results in the difference of the circuit
constant.
This chapter briefly describes the characteristics of the
oscillation circuit and gives some typical examples.
It is becoming more common to configure the oscillation
circuit with a digital IC, and the simplest way is to use
an inverter gate.
Fig. 4-1 shows the configuration of a basic oscillation
circuit with a C-MOS inverter.
INV. 1 works as an inverter amplifier of the oscillation
circuit. INV. 2 acts to shape the waveform and also acts
as a buffer for the connection of a frequency counter.
The feedback resistance Rf provides negative feedback
around the inverter in order to put it in the linear
region, so the oscillation will start, when power is
applied.
If the value of Rf is too large, and if the insulation
resistance of the input inverter is accidentally
decreased, oscillation will stop due to the loss of loop
gain. Also, if Rf is too great, noise from other circuits
can be introduced into the oscillation circuit.
Obviously, if Rf is too small, loop gain will be low. An Rf
of 1MΩ is generally used with a ceramic resonator.
Damping resistor Rd provides loose coupling between
the inverter and the feedback circuit and decreases the
loading on the inverter, thus saving energy.
In addition, the damping resistor stabilizes the phase of
the feedback circuit and provides a means of reducing
the gain in the high frequency area, thus preventing the
possibility of spurious oscillation.
Load capacitance CL1 and CL2 provide the phase lag of
180°.
The proper selected value depends on the application,
the IC used, and the frequency.
4 Applications of Typical Oscillation Circuits
CL1
CL2
X
Rd
INV.1
IC
IC
INV.2
VDD
Output
Fig. 4-1 Basic Oscillation Circuit with C-MOS Inverter
IC : 1/6TC4069UBP(TOSHIBA)
X : CERALOCK®
CL1, CL2 : External Capacitance
Rd : Dumping Resistor
4
P17E.pdf
2012.10.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com