Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCE8M00G52-R0 Datasheet(PDF) 14 Page - Murata Manufacturing Co., Ltd.

Part # CSTCE8M00G52-R0
Description  Ceramic Resonator (CERALOCK)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCE8M00G52-R0 Datasheet(HTML) 14 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCE8M00G52-R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
12
Note • Please read rating and CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
3 Specifications of CERALOCK®
1. Electrical Specifications
The frequency stability of CERALOCK® is between that
of crystal and LC or RC oscillators. Temperature
stability is ±0.3 to ±0.5% against initial values within
-20 to +80°C. The initial frequency precision is
±0.5% for standard products. The frequency of the
standard CERALOCK® is adjusted by the standard
measuring circuit, but the oscillation frequency may
shift when used in the actual IC circuit. Usually, if the
frequency precision needed for clock signal of a 1 chip
microcomputer is approximately ±2 to 3% under
working conditions, CERALOCK® standard type can be
used in most cases. If exact oscillation frequency is
required for a special purpose, Murata can manufacture
the ceramic resonator for the desired frequency.
The following are the general electrical specifications of
CERALOCK®. (As for the standard measuring circuit of
oscillation frequency, please refer to the next chapter
“Application to Typical Oscillation Circuits”.)
3
Electrical Specifications of MHz Band Lead
CERALOCK® (CSTLS Series)
Electrical specifications of CSTLS series are shown in
the tables. Please note that oscillation frequency
measuring circuit constants of the CSTLS □G56 series
(with H-CMOS IC) depends on frequency.
Resonant Impedance Specifications of
CSTLS/ Series
Type
Frequency Range (MHz) Resonant Impedance (Ω max.)
CSTLS□G
CSTLS □X
13.40 — 03.99
14.00 — 07.99
18.00 — 10.00
16.00 — 32.99
33.00 — 50.00
150
130
125
150
140
MHz band three-terminal CERALOCK® (CSTLS Series)
is built-in load capacitance.
Fig. 3-1 shows the electrical equivalent circuit.
The table shows the general specifications of the CSTLS
series. Input and output terminals of the three-terminal
CERALOCK® are shown in the table titled Dimensions
of CERALOCK® CSTLS series in Chapter 1 on page 6.
But connecting reverse, the oscillating characteristics
are not affected except that the frequency has a slight
lag.
CSTLS Series
Fig. 3-1 Symbol for the Three-Terminal CERALOCK®
P17E.pdf
2012.10.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com