Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCE8M00G52-R0 Datasheet(PDF) 21 Page - Murata Manufacturing Co., Ltd.

Part # CSTCE8M00G52-R0
Description  Ceramic Resonator (CERALOCK)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCE8M00G52-R0 Datasheet(HTML) 21 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCE8M00G52-R0 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
19
Note • Please read rating and CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
Application to H-CMOS Inverter
Recently, high-speed C-MOS (H-CMOS) have been used
more frequently for oscillation circuits allowing high
speed and energy saving control for the microprocessor.
There are two types of H-CMOS inverters: the un-
buffered 74HCU series and the 74HC series with
buffers.
The 74HCU system is optimum for the CERALOCK®
oscillation circuit.
Fig. 4-3 shows our standard H-CMOS circuit.
Since H-CMOS has high gain, especially in the high
frequency area, greater loading capacitor (CL) and
damping resistor (Rd) should be employed to stabilize
oscillation performance. As a standard circuit, we
recommend Toshiba's TC74CU04, but any 74HCU04
inverter from other manufacturers may be used.
The oscillation frequency for H-CMOS specifications is
adjusted by the circuit in Fig. 4-3.
Fig. 4-3 H-CMOS Standard Circuit
VDD
14
12
Rf
34
7
Rd
CERALOCK®
CL1
CL2
Output
∗ 60.01—70.00MHz : SN74AHCU04(TI)
4
4
Application to Typical Oscillation Circuits
Item
Part Number
Frequency Rage
VDD
Circuit Constant
CL1
CL2
Rf
Rd
CSTLS□G56
3.40∼10.00MHz
+ 5V
(47pF)(47pF)
1MΩ
680Ω
CSTLS□X
16.00∼019.99MHz
+ 3V
(5pF)(5pF)
1MΩ
470Ω
+ 5V
(15pF)(15pF)
1MΩ
220Ω
+ 5V
(22pF)(22pF)
1MΩ
0
+ 5V
(33pF)(33pF)
1MΩ
0
20.00∼025.99MHz
+ 3V
(5pF)(5pF)
1MΩ
0
+ 5V
(15pF)(15pF)
1MΩ
0
+ 5V
(22pF)(22pF)
15KΩ
0
+ 5V
(33pF)(33pF)
4.7KΩ
0
26.00∼032.99MHz
+ 5V
(5pF)(5pF)
1MΩ
0
+ 5V
(15pF)(15pF)
15KΩ
0
+ 5V
(22pF)(22pF)
4.7KΩ
0
+ 5V
(33pF)(33pF)
3.3KΩ
0
33.00∼050.00MHz
+ 5V
(5pF)(5pF)
1MΩ
0
+ 5V
(15pF)(15pF)
15KΩ
0
P17E.pdf
2012.10.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com