Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCE10M0G52-R0 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # CSTCE10M0G52-R0
Description  Ceramic Resonator (CERALOCK)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCE10M0G52-R0 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCE10M0G52-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
4
Note • Please read rating and CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
1
1 Characteristics and Types of CERALOCK®
MHz Band Chip CERALOCK® (CSACW/CSTCC/
CSTCR/CSTCE/CSTCW Series)
The MHz band Chip CERALOCK® has a wide frequency
range and small footprint to meet further downsizing
and high-density mounting requirements.
The table shows the dimensions and two-terminals
standard land patterns of the CERALOCK® CSACW
series.
The second table shows the dimensions and three-
terminals standard land patterns of CSTCC/CSTCR/
CSTCE/CSTCW series chip resonator (built-in load
capacitance type.) The carrier tape dimensions of
CSTCR series are shown on the next page.
■
Part Numbering
■
Dimensions and Standard Land Pattern of Chip
CERALOCK® (CSACW Series)
Part Number
Frequency (MHz)
Dimensions
Standard Land Pattern (in mm)
20.01–70.00
2.5
0.5
0.5
2.0
CSACW
X
❶ Product ID
❷ Frequency/No capacitance built-in
A: No Capacitance Built-in, T: Built-in Capacitance
❸ Structure/Size
CC/CR/CE: Cap Chip Type, CW: Monolithic Chip Type
❹ Nominal Center Frequency
❺ Type
G: Thickness Shear Vibration,
V: Thickness Longitudinal Vibration,
X: Thickness Longitudinal Vibration (3rd overtone)
❻ Frequency Tolerance
1: ±0.1%, 2: ±0.2%, 3: ±0.3%, 5: ±0.5%, Z: Others
❼ Load Capacitance Value
(In case of CSACW, value is for external capacitance of
standard circuit)
1: 5pF or 6pF, 2 : 10pF, 3: 15pF, 5: 33pF or 39pF,
6: 47pF
❽ Individual Specification
With standard products, "
❽ Individual Specification" is
omitted, and "
❾ Package Specification Code" is carried up.
❾ Packaging
–B0: Bulk,
–R0: Plastic Taping φ180mm Reel Package
∗1 Thickness varies with frequency.
(Ex.)
CS
❶
T
❷
CR
❸
4M00
❹
G
❺
5
❻
3
❼
❽
-R0
❾
P17E.pdf
2012.10.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com