Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCE10M0G52-R0 Datasheet(PDF) 27 Page - Murata Manufacturing Co., Ltd.

Part # CSTCE10M0G52-R0
Description  Ceramic Resonator (CERALOCK)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCE10M0G52-R0 Datasheet(HTML) 27 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCE10M0G52-R0 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
25
Note • Please read rating and CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
21, 24
22
23
L
IC : PD753108
VDD (+5V)
CSTLS4M00G56–B0
C1
C2
C1=47pF
C2=47pF
L : 2, 3, 4, 9, 18, 19
Fig. 6-5 Application to LC65F1156A (SANYO)
10
27,28
L
C1=47pF
C2=47pF
L : 1–7, 16–20, 25, 26, 29,
30
IC : LC65F1156A
VDD (+5V)
CSTLS4M00G56–B0
C1
C2
89
Fig. 6-4 Application to μPD753108 (Renesas Electronics)
Fig. 6-6 Application to TMP87C809BN (TOSHIBA)
10
27,28
L
C1=47pF
C2=47pF
L : 1–7, 16–20, 25, 26, 29,
30
IC : LC65F1156A
VDD (+5V)
CSTLS4M00G56–B0
C1
C2
89
Fig. 6-7 Application to μPD780032A (Renesas Electronics)
10, 24, 25
36
9, 25, 42
VDD (+5V)
C1=10pF
C2=10pF
CSTCE8M00G52-R0
C1
C2
41
40
6
6
Application Circuits to Various ICs/LSIs
Fig. 6-8 Application to M38039MF-xxxFP
(Renesas Electronics)
57
18, 19, 24, 58, 59
IC : M38039MF-xxxFP
VDD (+5V)
CSTLS8M00G53–B0
C1
C2
22
23
C1=15pF
C2=15pF
Fig. 6-9 Application to HD64F2268
(Renesas Electronics)
H
L
63
65
IC : HD64F2268
VDD (+5V)
C1=10pF
C2=10pF
H : 12, 54, 57, 61, 62
L : 14, 42, 60, 64
CSTCE12M0G52-R0
C1
C2
P17E.pdf
2012.10.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com