Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCE10M0G52-R0 Datasheet(PDF) 29 Page - Murata Manufacturing Co., Ltd.

Part # CSTCE10M0G52-R0
Description  Ceramic Resonator (CERALOCK)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCE10M0G52-R0 Datasheet(HTML) 29 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCE10M0G52-R0 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 32Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
27
Note • Please read rating and CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
2. Application to Remote Control ICs
Remote controll have become an increasingly more
popular feature in TVs, stereos, VCRs, and air
conditioners.
Fig. 6-11 shows an example of CERALOCK® in remote
control transmission ICs. Oscillation frequency is
normally 3.2M to 4MHz, with 3.64MHz being the most
popular. This 3.64MHz is divided by a carrier signal
generator, so that a carrier of approximately 38kHz is
generated.
Fig. 6-11 Application to μPD65 (Renesas Electronics)
H
L
VDD (+3V)
C1=15pF
C2=15pF
H : 6, 10
L : 3, 9, 12, 13, 14
CSTLS3M64G53–B0
C1
C2
87
6
6
Application Circuits to Various ICs/LSIs
3. Application to ICs for Office Equipment
With the applications of ICs in office machines, many
CERALOCK®s are used for motor drivers/controllers/
digital signal processor (D.S.P.) in CD's ICs. Fig. 6-12
shows application example. It is believed that this type
of application will increase in the future.
Fig. 6-12 Application to LC78646E (SANYO)
(CD Digital Signal Processor)
Rd
H2
VDD1 (+5V)
H1
VDD2 (+3.3V)
L
IC : LC78646E
CSTCE16M9V53–R0
C1
C2
49
48
4. Other Kinds of Applications to Various ICs
Other than the above-mentioned uses, CERALOCK® is
widely used with ICs for voice synthesis.
Fig. 6-13 shows an example of voice synthesis.
We can provide CERALOCK® application data for many
ICs that are not mentioned in this manual. Please
consult us for details.
Fig. 6-13 Application to ICs for Voice Synthesis MSM6650GS (OKI)
8, 9
VDD (+5V)
: 15, 29, 64
GND : 6, 7, 14, 16, 20
GND
IC : MSM6650GS
CSTLS4M09G53–B0
C1
C2
89
C1=15pF
C2=15pF
P17E.pdf
2012.10.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com