Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCE10M0G52-R0 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # CSTCE10M0G52-R0
Description  Ceramic Resonator (CERALOCK)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCE10M0G52-R0 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  CSTCE10M0G52-R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
2
Note • Please read rating and CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
1 Characteristics and Types of CERALOCK®
1. General Characteristics of CERALOCK®
Ceramic resonators use the mechanical resonance of
piezoelectric ceramics. (Generally, lead zirconium
titanate: PZT.)
The oscillation mode varies with resonant frequency.
The table on the right shows this relationship.
As a resonator device, quartz crystal is well-known. RC
oscillation circuits and LC oscillation circuits are also
used to produce electrical resonance. The following are
the characteristics of CERALOCK®.
① High stability of oscillation frequency:
Oscillation frequency stability is between that of
the quartz crystal and LC or RC oscillation circuits.
The temperature coefficient of quartz crystal is
10–6/°C maximum and approximately 10–3 to 10–4/°C
for LC or RC oscillation circuits. For comparison
these, it is 10–5/°C at –20 to +80°C for ceramic
resonators.
② Small configuration and light weight:
The ceramic resonator is half the size of popular
quartz crystals.
③ Low price, non-adjustment:
CERALOCK® is mass produced, resulting in low
cost and high stability.
Unlike RC or LC circuits, ceramic resonators use
mechanical resonance. This means it is not
basically affected by external circuits or by the
fluctuation of the supply voltage.
Highly stable oscillation circuits can therefore be
made without the need of adjustment.
The table briefly describes the characteristics of various
oscillator elements.
1
■
Vibration Mode and Frequency Range
Frequency (Hz)
Vibration Mode
1
Flexural
mode
2
Length
mode
3
Area
expansion
mode
4
Radius
vibration
5
Shear
thickness
mode
6
Thickness
expansion
mode
7
Surface
acoustic
wave
1k
10k 100k 1M 10M 100M
1G
■
Characteristics of Various Oscillator Elements
Name
Symbol
Price
Size
Adjust-
ment
Oscillation
Frequency
Initial
Tolerance
Long-term
Stability
LC
lower
cost
Big
Required
±2.0%
Fair
[Note] : ←̶→ show the direction of vibration
CR
lower
cost
Small
Required
±2.0%
Fair
Quartz
Crystal
Expen-
sive
Big
Not
required
±0.001%
Excellent
Ceramic
Resonator
Inexpen-
sive
Small
Not
required
±0.5%
Excellent
P17E.pdf
2012.10.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com