Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCE10M0G52-R0 Datasheet(PDF) 26 Page - Murata Manufacturing Co., Ltd.

Part # CSTCE10M0G52-R0
Description  Ceramic Resonator (CERALOCK)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCE10M0G52-R0 Datasheet(HTML) 26 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCE10M0G52-R0 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. CSTCE10M0G52-R0 Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
24
Note • Please read rating and CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
6
1. Application to Microcomputers
CERALOCK®, by making good use of the above-mentioned features, is used in a
wide range of applications to various kinds of ICs.
The following are a few examples of actual applications.
CERALOCK® is optimum for a stable oscillation element
for various kinds of microcomputers : 4-bit, 8-bit and
16-bit.
With the general frequency tolerance required for the
reference clock of microcomputers at ±2 to ±3%,
standard CERALOCK® meets this requirement. Please
consult with MURATA or LSI manufacturers about the
circuit constants, because these constants vary with
frequency and the LSI circuit being used.
Fig. 6-1 to 6-5 show applications to various kinds of
4-bit microcomputers, Fig. 6-6 to 6-8 show application to
8-bit microcomputers, and Fig. 6-9 to 6-10 show
application to 16bit and 32bit microcomputers.
The recomended circuit condition of many ICs has been
uploaded to Murata Web site. Please access to the below
URL.
http://search.murata.co.jp/Ceramy/ICsearchAction.do?
sLang=en
6 Application Circuits to Various ICs/LSIs
Fig. 6-1 Application to MN15G1601 (Panasonic)
4, 12
13
CSTLS4M00G56–B0
IC : MN15G1601
VDD (+5V)
C1=47pF
C2=47pF
C1
C2
89
Fig. 6-2 Application to TMP47C443N (TOSHIBA)
28
3-27
IC : TMP47C443N
VDD (+5V)
CSTCR4M00G53–R0
C1
C2
21
C1=15pF
C2=15pF
Fig. 6-3 Application to M34524MC-xxxFP
(Renesas Electronics)
25
L
IC : M34524MC–xxxFP
VDD (+5V)
C1=15pF
C2=15pF
L : 21, 24, 28, 29
CSTCR4M00G53–R0
C1
C2
22
23
P17E.pdf
2012.10.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com