Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCE12M0G52-R0 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # CSTCE12M0G52-R0
Description  Ceramic Resonator (CERALOCK)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCE12M0G52-R0 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCE12M0G52-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
5
Note • Please read rating and CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
1
■
Dimensions and Standard Land Pattern of Chip
CERALOCK® (CSTCC/CSTCR/CSTCE/CSTCW Series)
Part Number
Frequency (MHz)
2.00–3.99
Dimensions
Standard Land Pattern (in mm)
7.2
3.0
1.2 1.2
2.5
2.5
1.4 1.2 1.2
0.8
0.4
1.5
1.5
0.4
0.4
0.8
0.8
0.7
0.7
4.5
CSTCC
G*2
4.00–7.99
CSTCR
G*2
CSTCE
G*2
CSTCE
V*2
8.00–13.99
14.00–20.00
20.01–70.00
0.4
0.4
0.4
0.8
0.8
1.2
1.2
3.2
1.3
0.3
0.3
0.65
0.3
0.65
0.95
0.95
3.2
1.3
2.5
0.5
0.5
0.5
0.5
1.0
1.0
0.5
CSTCW
X*2
∗1 Thickness varies with frequency.
∗2 Conformal coating or washing of the components is not acceptable
because they are not hermetically sealed.
(in mm)
4.0±0.1
2.0±0.05
4.0±0.1
ø1.5
0.1
0
ø1.5
0.1
0
2.2±0.1
Direction of Feed
(3˚)
10˚
Cover Film
The cover film peel strength force 0.1 to 0.7N
The cover film peel speed 300mm/min.
■Dimensions of Carrier Tape for Chip CERALOCK®
CSTCR Series
1
Characteristics and Types of CERALOCK®
P17E.pdf
2012.10.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com