Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCE12M0G52-R0 Datasheet(PDF) 24 Page - Murata Manufacturing Co., Ltd.

Part # CSTCE12M0G52-R0
Description  Ceramic Resonator (CERALOCK)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCE12M0G52-R0 Datasheet(HTML) 24 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCE12M0G52-R0 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
22
Note • Please read rating and CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
5
5 Characteristics of CERALOCK® Oscillation Circuit
3. Characteristics of Oscillation Rise Time
Oscillation rise time means the time when oscillation
develops from a transient area to a steady state
condition, at the time the power of the IC is activated.
With a CERALOCK®, this is defined as the time to
reach 90% of the oscillation level under steady state
conditions as shown in Fig. 5-3.
Rise time is primarily a function of the oscillation circuit
design. Generally, smaller loading capacitance, higher
frequency of ceramic resonator, and lower mechanical Q
of ceramic resonator cause a faster rise time. The effect
of load capacitance becomes more apparent as the
capacitance of the resonator decreases.
Fig. 5-4 shows how the rise time increases as the load
capacitance of the resonator increases. Also, Fig. 5-4
shows how the rise time varies with supply voltage.
It is noteworthy that the rise time of the ceramic
resistor is one or two decades faster than a quartz
crystal.
Fig. 5-5 shows comparison of rise time between the two.
Fig. 5-3 Definition of Rise Time
t=0
0.9ⅹVp-p
0V
ON
VDD
Vp-p
Rise Time
Time
Fig. 5-4 Examples of Characteristics of Oscillation Rise Time
(IC: TC74HCU04 (TOSHIBA),
CERALOCK®: CSACW33M8X51–B0)
Supply Voltage Characteristics
CL (CL1 = CL2) Characteristics
2
0
0.50
1.00
468
VDD (V)
0
0
0.50
1.00
110
100
CL (pF)
VDD = +5V
Fig. 5-5 Comparison of the Rise Time of
a Ceramic Resonator vs. a Quartz Crystal
CRYSTAL
(33.868MHz)
CSACW33M8X51–B0
IC : TC74HCU04AP(TOSHIBA)
VDD=+5V, CL1=CL2=6pF
↑ 2.0V/div.
→0.1msec./div.
P17E.pdf
2012.10.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com