Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCE12M0G52-R0 Datasheet(PDF) 16 Page - Murata Manufacturing Co., Ltd.

Part # CSTCE12M0G52-R0
Description  Ceramic Resonator (CERALOCK)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCE12M0G52-R0 Datasheet(HTML) 16 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCE12M0G52-R0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
14
Note • Please read rating and CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
3 Specifications of CERALOCK®
3
Electrical Specifications of MHz Band Chip
CERALOCK® (CSACW Series) (CSTCC/CSTCR/
CSTCE/CSTCW Series)
General specifications of chip CERALOCK® (CSACW
series)and (CSTCC/CSTCR/CSTCE/CSTCW series) are
shown in the tables respectively.
Item
Part Number
Frequency Range
(MHz)
CSACW□ X53
CSACW□ X51
20.01—24.99
25.00—70.00
Initial Tolerance
of Oscillation
Frequency
±0.5%
±0.5%
Temperature Stability of
Oscillation Frequency
(-20 to +80°C)
±0.2%
±0.2%
Oscillating
Frequency Aging
±0.1%
±0.1%
Standard Circuit for
Oscillation Frequency
VDD
IC
IC
X
CL1
CL2
Output
IC : TC74HCU04*(TOSHIBA)
VDD : +5V
X : Chip CERALOCK®
CL1, CL2 : This value varies for frequency.
■
General Specifications of CSACW Series
Item
Part Number
Frequency Range
(MHz)
CSTCC□G
2.00—03.99
Initial Tolerance
of Oscillation
Frequency
±0.5%
Temperature Stability of
Oscillation Frequency
(-20 to +80°C)
±0.3%*3
Oscillating
Frequency Aging
±0.3%
CSTCR□G
CSTCE□G
CSTCE□V
CSTCW□X
4.00—07.99
8.00—13.99
14.00—20.00
20.01—70.00
±0.5%
±0.5%
±0.5%
±0.5%
±0.2%
±0.2%
±0.3%
±0.2%
±0.1%
±0.1%
±0.3%
±0.1%
Standard Circuit for
Oscillation Frequency
VDD
IC
IC
X
(3)
(2)
(1)
C1
C2
Output
*2
IC : TC4069UBP*1(TOSHIBA)
VDD : +5V
X : Chip CERALOCK®
■
General Specifications of CSTCC/CSTCR/CSTCE/CSTCW Series
∗ X51 Series (60.01—70.00MHz); SN74AHCU04
∗1 V, X Series; TC74HCU04(TOSHIBA), X Series (50.00—70.00MHz); SN74AHCU04(TI)
∗2 If connected in the wrong direction, the above specification may not be guaranteed.
∗3 This value varies for built-in Capacitance and Frequency.
■Resonant Impedance of CSTCC/CSTCR/CSTCE/
CST(A)CW Series
Type
CSTCC□G
CSTCR□G
CSTCE□G
CSTCE□V
CSACW□X/CSTCW□X
Frequency Range (MHz)
02.00—02.99
03.00—03.99
04.00—05.99
06.00—07.99
08.00—10.00
10.01—13.99
14.00—20.00
20.01—24.99
25.00—29.99
30.00—60.00
60.01—70.00
Resonant Impedance (Ω max.)
80
50
60
50
40
30
40
80
60
50
60
P17E.pdf
2012.10.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com