Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCE12M0G52-R0 Datasheet(PDF) 18 Page - Murata Manufacturing Co., Ltd.

Part # CSTCE12M0G52-R0
Description  Ceramic Resonator (CERALOCK)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCE12M0G52-R0 Datasheet(HTML) 18 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCE12M0G52-R0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
16
Note • Please read rating and CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
3
1. Shock Resistance
2. Solder Heat Resistance
3. Vibration Resistance
4. Humidity Resistance
8. Terminal Strength
5. Storage at High Temperature
6. Storage at Low Temperature
7. Temperature Cycling
before test
after test
(%)
0.1
0.05
fosc. 0
-0.05
-0.1
before test
after test
(%)
0.1
0.05
fosc. 0
-0.05
-0.1
before test
after test
(%)
0.1
0.05
fosc. 0
-0.05
-0.1
(%)
0.1
0.05
fosc. 0
-0.05
-0.1
100
1000
(time)
(%)
0.1
0.05
fosc. 0
-0.05
-0.1
100
1000
(time)
(%)
0.1
0.05
fosc. 0
-0.05
-0.1
100
1000
(time)
(%)
0.1
0.05
fosc. 0
-0.05
-0.1
25
50
100
(cycle)
before test
after test
(%)
0.1
0.05
fosc. 0
-0.05
-0.1
Fig. 3-2 General Changes of Oscillation Frequency in Each Reliability Test (CSTLS4M00G53–B0)
150
180
220
245
260
Gradual
Cooling
Peak
Pre-heating
(150 to 180°C)
Heating
(220°C min.)
60 to 120s
30 to 60s
Fig. 3-3 Reflow Soldering Profile for MHz Band Chip
CERALOCK®
■
Deviation after Reliability Test
Item
Type
Oscillation Frequency
Other
Every Series
within±0.2%*
(from initial value)
Meets the individual
specification of each
product.
3 Specifications of CERALOCK®
∗ CSTCC Series : within±0.3%
P17E.pdf
2012.10.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com