Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCE12M0G52-R0 Datasheet(PDF) 23 Page - Murata Manufacturing Co., Ltd.

Part # CSTCE12M0G52-R0
Description  Ceramic Resonator (CERALOCK)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCE12M0G52-R0 Datasheet(HTML) 23 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCE12M0G52-R0 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. CSTCE12M0G52-R0 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
21
Note • Please read rating and CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
Fig. 5-2 Examples of Actual Measurement of Oscillating Amplitude (IC: TC74HCU04(TOSHIBA), CERALOCK®: CSACW33M8X51–B0)
-40
0
40
80
120
-1
0
1
2
3
4
5
6
+1.0
0
0
1
10
-1.0
+2.0
+3.0
+4.0
+5.0
+6.0
+7.0
Temperature (℃)
V2L
V1L
V1H
V2H
VDD = +5V
24
6
8
-1.0
0
+1.0
+2.0
+4.0
+3.0
+6.0
+5.0
+8.0
+7.0
+9.0
VDD (V)
V2H
V1H
V1L
V2L
V2H
V1H
V1L
V2L
CL2/CL1
VDD = +5V
CL1 = 6pF Const.
+1.0
0
0
1
100
10
-1.0
+2.0
+3.0
+4.0
+5.0
+6.0
+7.0
V2H
V1H
V1L
V2L
CL (pF)
VDD = +5V
0
1
10
V2H
V1H
V1L
V2L
CL1/CL2
VDD = +5V
CL2 = 6pF Const.
Temperature Characteristics of Oscillating Voltage
Oscillating Voltage vs VDD Characteristics
CL2 (CL1 = Constant) Characteristics
CL (CL1 = CL2) Characteristics
CL1 (CL2 = Constant) Characteristics
+1.0
0
-1.0
+2.0
+3.0
+4.0
+5.0
+6.0
+7.0
2. Characteristics of the Oscillation Level
Fig. 5-2 shows examples of actual measurements of the
oscillation level versus temperature, supply voltage and
load capacitance (CL1, CL2). The oscillating amplitude is
required to be stable over a wide temperature range,
and temperature characteristics should be as flat as
possible. The graph titled Supply Voltage
Characteristics in Fig. 5-2 shows that the amplitude
varies linearly with supply voltage, unless the IC has an
internal power supply voltage regulator.
5
5
Characteristics of CERALOCK® Oscillation Circuits
P17E.pdf
2012.10.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com