Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7989-1BCPZ-R2 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AD7989-1BCPZ-R2
Description  18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AD7989-1BCPZ-R2 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AD7989-1BCPZ-R2 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 9Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 10Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 11Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 12Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 13Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 14Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
AD7989-1/AD7989-5
Rev. 0 | Page 11 of 24
Figure 18. Operating Currents vs. VDD Voltage (AD7989-5)
Figure 19. THD vs. Frequency
Figure 20. Operating Currents vs. Temperature (AD7989-5)
Figure 21. Operating Currents vs. VDD Voltage (AD7989-1)
Figure 22. Power-Down Currents vs. Temperature
Figure 23. Operating Currents vs. Temperature (AD7989-1)
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
VDD VOLTAGE (V)
IVDD
IREF
IVIO
2.375
2.425
2.475
2.525
2.575
2.625
–80
–85
–90
–95
–100
–105
–110
–115
–120
–125
0.1
1
10
100
1k
FREQUENCY (kHz)
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
IVDD
IREF
IVIO
TEMPERATURE (°C)
–55
–35
–15
5
25
45
65
85
105
125
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
VDD VOLTAGE (V)
IVDD
IREF
IVIO
2.375
2.425
2.475
2.525
2.575
2.625
8
7
6
5
4
3
2
1
0
–55
–35
–15
5
25
TEMPERATURE (°C)
45
65
85
105
125
IVDD + IVIO
0.14
0.12
0.10
008
0.06
0.04
0.02
0
IVDD
IREF
IVIO
TEMPERATURE (°C)
–55
–35
–15
5
25
45
65
85
105
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com