Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7989-1BCPZ-R2 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AD7989-1BCPZ-R2
Description  18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AD7989-1BCPZ-R2 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AD7989-1BCPZ-R2 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 9Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 10Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 11Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD7989-1/AD7989-5
Data Sheet
Rev. 0 | Page 8 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 4. 10-Lead MSOP Pin Configuration
Figure 5. 10-Lead LFCSP Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
REF
AI
Reference Input Voltage. The REF range is 2.4 V to 5.1 V. This pin is referred to the GND pin and should
be decoupled closely to the GND pin with a 10 µF capacitor.
2
VDD
P
Power Supply.
3
IN+
AI
Differential Positive Analog Input.
4
IN−
AI
Differential Negative Analog Input.
5
GND
P
Power Supply Ground.
6
CNV
DI
Conversion Input. This input has multiple functions. On its leading edge, it initiates the conversions and
selects the interface mode of the device: chain mode or chip select (CS) mode. In CS mode, the SDO pin is
enabled when CNV is low. In chain mode, the data is read when CNV is high.
7
SDO
DO
Serial Data Output. The conversion result is output on this pin. It is synchronized to SCK.
8
SCK
DI
Serial Data Clock Input. When the device is selected, the conversion result is shifted out by this clock.
9
SDI/CS
DI
Serial Data Input/Chip Select. This input has multiple functions. It selects the interface mode of the ADC as
follows:
Chain mode is selected if this pin is low during the CNV rising edge. In this mode, SDI/CS is used as a data
input to daisy-chain the conversion results of two or more ADCs onto a single SDO line. The digital data
level on SDI/CS is output on SDO with a delay of 16 SCK cycles.
CS mode is selected if SDI/CS is high during the CNV rising edge. In this mode, either SDI/CS or CNV can
enable the serial output signals when low.
10
VIO
P
Input/Output Interface Digital Power. This pin is nominally at the same supply as the host interface (1.8 V,
2.5 V, 3 V, or 5 V).
EP
Exposed Pad. For the lead frame chip scale package (LFCSP), the exposed pad can be connected to GND.
This connection is not required to meet the electrical performances.
1
AI = analog input, DI = digital input, DO = digital output, and P = power.
REF
1
VDD
2
IN+
3
IN–
4
GND
5
VIO
10
SDI/CS
9
SCK
8
SDO
7
CNV
6
AD7989-1/
AD7989-5
TOP VIEW
(Not to Scale)
NOTES:
1. THE EXPOSED PAD CAN BE CONNECTED TO GND.
1
REF
2
VDD
3
IN+
4
IN–
5
GND
10 VIO
9
SDI_CS
8
SCK
7
SDO
6
CNV
AD7989-1/
AD7989-5
TOP VIEW
(Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com