Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7989-1BCPZ-R2 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # AD7989-1BCPZ-R2
Description  18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AD7989-1BCPZ-R2 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button AD7989-1BCPZ-R2 Datasheet HTML 11Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 12Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 13Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 14Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 15Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 16Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 17Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 18Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
AD7989-1/AD7989-5
Rev. 0 | Page 15 of 24
ANALOG INPUTS
Figure 27 shows an equivalent circuit of the input structure of
the AD7989-1/AD7989-5.
The two diodes, D1 and D2, provide ESD protection for the
analog inputs, IN+ and IN−. Care must be taken to ensure that
the analog input signal does not exceed the reference input
voltage (REF) by more than 0.3 V. If the analog input signal
exceeds this level, the diodes become forward-biased and start
conducting current. These diodes can handle a forward-biased
current of 130 mA maximum. However, if the supplies of the
input buffer (for example, the supplies of the ADA4841-x in
Figure 26) are different from those of REF, the analog input
signal may eventually exceed the supply rails by more than
0.3 V. In such a case (for example, an input buffer with a short
circuit), the current limitation can be used to protect the device.
Figure 27. Equivalent Analog Input Circuit
The analog input structure allows the sampling of the true
differential signal between IN+ and IN−. By using these
differential inputs, signals common to both inputs are rejected.
Figure 28. Analog Input CMRR vs. Frequency
During the acquisition phase, the impedance of the analog
inputs (IN+ or IN−) can be modeled as a parallel combination
of Capacitor CPIN and the network formed by the series connection
of RIN and CIN. CPIN is primarily the pin capacitance. RIN is typically
400 Ω and is a lumped component composed of serial resistors
and the on resistance of the switches. CIN is typically 30 pF and
is mainly the ADC sampling capacitor.
During the sampling phase, when the switches are closed, the input
impedance is limited to CPIN. RIN and CIN make a one-pole, low-
pass filter that reduces undesirable aliasing effects and limits
noise.
When the source impedance of the driving circuit is low, the
AD7989-1/AD7989-5 can be driven directly. Large source
impedances significantly affect the ac performance, especially
THD. The dc performances are less sensitive to the input
impedance. The maximum source impedance depends on the
amount of THD that can be tolerated. The THD degrades as a
function of the source impedance and the maximum input
frequency.
DRIVER AMPLIFIER CHOICE
Although the AD7989-1/AD7989-5 is easy to drive, the driver
amplifier must meet the following requirements:
•
The noise generated by the driver amplifier must be kept
as low as possible to preserve the SNR and transition noise
performance of the AD7989-1/AD7989-5. The noise from
the driver is filtered by the one-pole, low-pass filter of the
AD7989-1/AD7989-5 analog input circuit made by RIN and
CIN or by the external filter, if one is used. Because the
typical noise of the AD7989-1/AD7989-5 is 40 µV rms, the
SNR degradation due to the amplifier is
+
=
−
2
2
)
(
2
π
40
40
log
20
N
3dB
LOSS
Ne
f
SNR
•
where:
f–3dB is the input bandwidth, in megahertz, of the AD7989-1/
AD7989-5 (10 MHz) or the cutoff frequency of the input
filter, if one is used.
N is the noise gain of the amplifier (for example, 1 in buffer
configuration).
eN is the equivalent input noise voltage of the op amp, in
nV/√Hz.
•
For ac applications, use a driver with a THD performance
commensurate with the AD7989-1/AD7989-5.
•
For multichannel multiplexed applications, the driver
amplifier and the AD7989-1/AD7989-5 analog input
circuit must settle for a full-scale step onto the capacitor
array at an 18-bit level (0.0004%, 4 ppm). In the data sheet
of the amplifier, settling at 0.1% to 0.01% is more commonly
specified. This settling may differ significantly from the
settling time at an 18-bit level and must be verified prior to
driver selection.
Table 8. Recommended Driver Amplifiers
Amplifier
Typical Application
ADA4941-1
Very low noise, low power, single to differential
ADA4841-1/
ADA4841-2
Very low noise, small, and low power
AD8021
Very low noise and high frequency
AD8022
Low noise and high frequency
OP184
Low power, low noise, and low frequency
AD8655
5 V single supply, low noise
AD8605, AD8615
5 V single supply, low power
CPIN
REF
RIN
CIN
D1
D2
IN+ OR IN–
GND
90
85
80
75
70
65
60
1
10
100
1k
10k
FREQUENCY (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com