Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7989-1BCPZ-R2 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AD7989-1BCPZ-R2
Description  18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AD7989-1BCPZ-R2 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AD7989-1BCPZ-R2 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 9Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 10Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 11Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 12Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
AD7989-1/AD7989-5
Rev. 0 | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = 2.5 V, VREF = 5.0 V, VIO = 3.3 V.
Figure 6. Integral Nonlinearity vs. Code
Figure 7. Histogram of a DC Input at the Code Center
Figure 8. AD7989-5 FFT Plot
Figure 9. Differential Nonlinearity vs. Code
Figure 10. Histogram of a DC Input at the Code Transition
Figure 11. AD7989-1 FFT Plot
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
0
65536
131072
196608
262144
CODE
POSITIVE INL: +0.79 LSB
NEGATIVE INL: –0.68 LSB
60k
50k
40k
30k
20k
10k
0
3FFF0
3FFF2
3FFF4
3FFF6
3FFF8
3FFFA
3FFFC
CODE IN HEX
0
0
29
745
881
43
0
0
7795
29064
50975
32476
9064
0
–20
–40
–60
–80
–100
–120
–140
–160
0
50
100
150
200
250
FREQUENCY (kHz)
fS = 500kSPS
fIN = 1kHz
SNR = 97.4361dB
SINAD = 97.3577dB
THD = –114.42dB
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
0
65536
131072
196608
262144
CODE
POSITIVE INL: +0.46 LSB
NEGATIVE INL: –0.49 LSB
50k
45k
40k
35k
30k
25k
0
0
1
2
3
4
5
6
7
8
9
A
D
CODE IN HEX
0
0
7
145
7
0
0
20k
15k
10k
5k
222
C
B
16682
44806
43239
20013
3158
2793
0
–20
–40
–60
–80
–100
–120
–140
–160
0
10
20
30
40
50
FREQUENCY (kHz)
fS = 100kSPS
fIN = 1kHz
SNR = 97.2634dB
SINAD = 97.145dB
THD = –112.7dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com