Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7989-1BCPZ-R2 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # AD7989-1BCPZ-R2
Description  18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AD7989-1BCPZ-R2 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button AD7989-1BCPZ-R2 Datasheet HTML 10Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 11Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 12Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 13Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 14Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 15Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 16Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 17Page - List of Unclassifed Manufacturers AD7989-1BCPZ-R2 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD7989-1/AD7989-5
Data Sheet
Rev. 0 | Page 14 of 24
Transfer Functions
The ideal transfer characteristic for the AD7989-1/AD7989-5 is
shown in Figure 25 and Table 7.
Figure 25. ADC Ideal Transfer Function
Table 7. Output Codes and Ideal Input Voltages
Description
Analog Input
VREF = 5 V
Digital Output
Code (Hex)
+FSR – 1 LSB
+4.999962 V
0x1FFFF1
Midscale + 1 LSB
+38.15 µV
0x00001
Midscale
0 V
0x00000
Midscale – 1 LSB
−38.15 µV
0x3FFFF
–FSR + 1 LSB
−4.999962 V
0x20001
–FSR
−5 V
0x200002
1
This is also the code for an overranged analog input (VIN+ − VIN− above VREF − VGND).
2
This is also the code for an underranged analog input (VIN+ − VIN− below VGND).
TYPICAL CONNECTION DIAGRAM
Figure 26 shows an example of the recommended connection
diagram for the AD7989-1/AD7989-5 when multiple supplies
are available.
Figure 26. Typical Application Diagram with Multiple Supplies
100...000
100...001
100...010
011...101
011...110
011...111
ANALOG INPUT
+FSR – 1.5 LSB
+FSR – 1 LSB
–FSR + 1 LSB
–FSR
–FSR + 0.5 LSB
2.7nF
20Ω
V–
0V TO VREF
V+
4
2.7nF
20Ω
V–
VREF TO 0V
V+
4
10µF2
REF1
REF
VDD
VIO
GND
IN+
IN–
SCK
SDO
CNV
AD7989-1/
AD7989-5
100nF
100nF
3-WIRE INTERFACE
2.5V
1.8V TO 5.5V
V+
ADA4841-x2, 3
1SEE THE VOLTAGE REFERENCE INPUT SECTION FOR REFERENCE SELECTION.
2CREF IS USUALLY A 10µF CERAMIC CAPACITOR (X5R).
SEE THE RECOMMENDED LAYOUT IN FIGURE 39 AND FIGURE 40.
3SEE THE DRIVER AMPLIFIER CHOICE SECTION.
4OPTIONAL FILTER. SEE THE ANALOG INPUTS SECTION.
SDI/CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com