Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPTC041LGBN-R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PPTC041LGBN-R
Description  ENERGY HARVESTING ELECTRONICS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PPTC041LGBN-R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PPTC041LGBN-R Datasheet HTML 1Page - List of Unclassifed Manufacturers PPTC041LGBN-R Datasheet HTML 2Page - List of Unclassifed Manufacturers PPTC041LGBN-R Datasheet HTML 3Page - List of Unclassifed Manufacturers PPTC041LGBN-R Datasheet HTML 4Page - List of Unclassifed Manufacturers PPTC041LGBN-R Datasheet HTML 5Page - List of Unclassifed Manufacturers PPTC041LGBN-R Datasheet HTML 6Page - List of Unclassifed Manufacturers PPTC041LGBN-R Datasheet HTML 7Page - List of Unclassifed Manufacturers PPTC041LGBN-R Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ELECTRICAL CHARACTERISTICS
PRINCIPLE OF OPERATION
2
REVISION N0. 002
REVISION DATE: 01-23-2013
The LTC3588-1 Piezoelectric Energy Harvesting Power
Supply from Linear Technology is the primary
component on the EHE004. From Linear Technology’s
datasheet:
“The LTC3588-1 integrates a low-loss full-wave
bridge rectifier with a high efficiency buck
converter to form a complete energy harvesting
solution optimized for high output impedance
energy sources such as piezoelectric transducers.
An ultralow quiescent current undervoltage lockout
(UVLO) mode with a wide hysteresis window
allows charge to accumulate on an input capacitor
until the buck converter can efficiently transfer a
portion of the stored charge to the output. In
regulation, the LTC3588-1 enters a sleep state in
which both input and output quiescent currents are
minimal. The buck converter turns on and off as
needed to maintain regulation.
Four output voltages, 1.8V, 2.5V, 3.3V and 3.6V, are
pin selectable with up to 100mA of continuous
output current; however, the output capacitor may
be sized to service a higher output current burst.
An input protective shunt set at 20V enables
greater energy storage for a given amount of input
capacitance.”
For more information on the LTC3588-1 please visit:
http://cds.linear.com/docs/Datasheet/35881fa.pdf
Referring to Figure 2b, The LTC3588-1 power supply IC
integrates an extremely low quiescent current voltage
comparator with a highly efficient buck regulator. The
buck regulator is activated when the rectified input
voltage, VCAP, rises above the pre-set undervoltage
lockout (UVLO) rising voltage threshold for the chosen
output voltage setting (Page 5 table ‘Specification’).
The regulator remains active until the input voltage has
been depleted to the UVLO falling threshold, at which
point the buck operation is disabled. Thus, for as long
as the load demand exceeds the input power (as in
typical sensor or battery charger applications), the
input voltage will hover between the UVLO rising and
falling thresholds. In cases where the input power
exceeds the load demand, the VCAP voltage will rise
beyond the UVLO rising threshold, storing the excess
power on the input capacitor. If the voltage at VCAP
exceeds approximately 20VDC, an internal voltage
clamp (5mA continuous rating) prevents damage to the
device.
EHE004



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com