Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPTC041LGBN-R Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PPTC041LGBN-R
Description  ENERGY HARVESTING ELECTRONICS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PPTC041LGBN-R Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PPTC041LGBN-R Datasheet HTML 1Page - List of Unclassifed Manufacturers PPTC041LGBN-R Datasheet HTML 2Page - List of Unclassifed Manufacturers PPTC041LGBN-R Datasheet HTML 3Page - List of Unclassifed Manufacturers PPTC041LGBN-R Datasheet HTML 4Page - List of Unclassifed Manufacturers PPTC041LGBN-R Datasheet HTML 5Page - List of Unclassifed Manufacturers PPTC041LGBN-R Datasheet HTML 6Page - List of Unclassifed Manufacturers PPTC041LGBN-R Datasheet HTML 7Page - List of Unclassifed Manufacturers PPTC041LGBN-R Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CONFIGURATION
The terminal block at the bottom-left of the board
(solder or screw terminals) provides the regulated
output and other signals from the EHE004. The
connections from left to right are:
GND – Electrical ground
VOUT – Regulated output voltage
VCAP – Test point for measuring the voltage across the
input capacitor(s). Additional capacitance can be
added between this terminal & GND as needed.
PGOOD – Active-high Power Good signal. This signal will
be high (true) when the output is in regulation
and will go low (false) when the output voltage
drops below 92% of its regulated value. This will
typically occur once the input voltage falls below
the UVLO threshold or if the maximum output
current is exceeded.
In addition, a low-voltage auxiliary power source, such
as a solar cell, can be added by soldering to the AUX+
and AUX- pads at the bottom-left corner of the board,
provided the source complies with the absolute
maximum
ratings
set
forth
above
(VAC
≤18V,
RSOURCE
>400OHMS, SW3=SUPERSERIES). A blocking
diode (400mV typical voltage drop) in series with the
AUX input prevents reverse leakage across the device.
4
REVISION N0. 002
REVISION DATE: 01-23-2013
Switch #1 (SW1)
– Piezo Connection
SERIES – SWITCH UP
PARALLEL – SWITCH DOWN
OUTPUT VOLTAGE
SWITCH #2 LEFT & RIGHT
00 = 1.8V = UP UP
10 = 3.3V = DOWN UP
01 = 2.5V = UP DOWN
11 = 3.6V = DOWN DOWN
Switch #2 (SW2)
– DC Output Setting
SWITCH UP FIRST DECIMAL BECOMES = 00
SWITCH DOWN FIRST DECIMAL BECOMES = 10
SWITCH UP SECOND DECIMAL BECOMES = 00
SWITCH DOWN SECOND DECIMAL BECOMES = 01
Switch #3 (SW3)
– Rectification Method
SUPERSERIES – SWITCH UP
NORMAL – SWITCH DOWN
CONNECTION INFORMATION
How do I configure the EHE
004?
Configuring the EHE004 is done by using the
combination of switches which appear on the top side
of the board. The switch at the top right, designated
SW3, controls the bridge rectifier connection. Place in
the “NORM” position (downward) for normal operation,
and the “SS” position for half-wave (“superseries”)
operation. The switch in the lower right hand side,
SW1, switches between parallel (downward, “Par.”
position) and series (upward, “Ser.” position) piezo
connection. The switch located in the top left hand
corner of the board, designated SW2, sets the output
voltage as marked below. In the legend below, the left
and right digit refer to the left and right toggle switch,
respectively, and the “1” or ON position is toward the
dot marked on the switch.
EHE004



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com