Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPTC041LGBN-R Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PPTC041LGBN-R
Description  ENERGY HARVESTING ELECTRONICS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PPTC041LGBN-R Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PPTC041LGBN-R Datasheet HTML 1Page - List of Unclassifed Manufacturers PPTC041LGBN-R Datasheet HTML 2Page - List of Unclassifed Manufacturers PPTC041LGBN-R Datasheet HTML 3Page - List of Unclassifed Manufacturers PPTC041LGBN-R Datasheet HTML 4Page - List of Unclassifed Manufacturers PPTC041LGBN-R Datasheet HTML 5Page - List of Unclassifed Manufacturers PPTC041LGBN-R Datasheet HTML 6Page - List of Unclassifed Manufacturers PPTC041LGBN-R Datasheet HTML 7Page - List of Unclassifed Manufacturers PPTC041LGBN-R Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
REVISION N0. 002
REVISION DATE: 01-23-2013
EHE004
SPECIFICATIONS
The following provides a brief summary of the most
important specifications of the EHE004. For complete
specifications and performance plots for the
LTC3588-1 charge management IC, please refer to the
LTC3588-1 data sheet.
For
Volture™
specifications,
such
as
typical
relationships between frequency, tip mass and output
voltage for each product, please refer to the Volture™
data sheet.
Specification
Value (typical @ 25°C)
Input capacitance
200uF (stock product – custom values available
upon request)
Output capacitance
10uF
Maximum Input Voltage
18V (low impedance sources)
1
Maximum Peak Protective Shunt Current
25mA (1ms duration)
Maximum Continuous Protective Shunt Current
5mA
Quiescent Current
UVLO
450nA
Buck Enabled, Sleeping
(Vin = 4.5V)
950nA
Buck Enabled, Sleeping
(Vin = 18V)
1.7uA
Buck Enabled, Active
2
150uA
Maximum Output Current
100mA
NOTE 1: An internal clamp circuit limits the input
voltage to 20V; the maximum input voltage stated may
be safely exceeded provided the maximum input
current condition is satisfied.
NOTE 2: Does not include active switching or inductor
currents (Isw=0). Dynamic supply current is higher
due to gate charge being delivered at the switching
frequency.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com