Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPTC041LGBN-R Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # PPTC041LGBN-R
Description  ENERGY HARVESTING ELECTRONICS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PPTC041LGBN-R Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  PPTC041LGBN-R Datasheet HTML 1Page - List of Unclassifed Manufacturers PPTC041LGBN-R Datasheet HTML 2Page - List of Unclassifed Manufacturers PPTC041LGBN-R Datasheet HTML 3Page - List of Unclassifed Manufacturers PPTC041LGBN-R Datasheet HTML 4Page - List of Unclassifed Manufacturers PPTC041LGBN-R Datasheet HTML 5Page - List of Unclassifed Manufacturers PPTC041LGBN-R Datasheet HTML 6Page - List of Unclassifed Manufacturers PPTC041LGBN-R Datasheet HTML 7Page - List of Unclassifed Manufacturers PPTC041LGBN-R Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
BOARD SCHEMATIC AND DIMENSIONS
8
REVISION N0. 002
REVISION DATE: 01-23-2013
EHE004
Figure 3: PCB top side
Figure 4: PCB bottom side
Qty
Parts (Ref Des.) Package
Value
Manufacturer Part Number
1
C1
0603
1uF
Yageo, CC0603ZRY5V7BB105
1
C5
0603
4.7uF
Murata, GRM188R60J475ME19D
1
L1
1210
10uH
Taiyo Yuden, CBC3225T100MR
1
C3
1206
47uF
Kemet, C1206C476M9PACTU
1
C2
0603
100nF
TDK, C1608Y5V1E104Z
2
C100, C101
Case D (7343 Metric)
100uF
Kemet, T491X107K025ZT
1
J1
0.100" Screw Terminals
Phoenix Contact, 1725672
1
D9
SOD80C
BAT43W
Micro Commercial Co., BAT43W-TP
1
SW3
CAS-120
Copal Electronics, CAS-120TA
1
SW2
CAS-D20
Copal Electronics, CAS-D20TB
1
U1
10-MSOP
Linear Technology, LTC3588EMSE-1#PBF
1
J3
0.100" x 4
Sullins, PPTC041LGBN-R
1
SW1
EG1390
E-Switch, EG1390A
Table 1: EHE004 Bill of Materials



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com