Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPTC041LGBN-R Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PPTC041LGBN-R
Description  ENERGY HARVESTING ELECTRONICS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PPTC041LGBN-R Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  PPTC041LGBN-R Datasheet HTML 1Page - List of Unclassifed Manufacturers PPTC041LGBN-R Datasheet HTML 2Page - List of Unclassifed Manufacturers PPTC041LGBN-R Datasheet HTML 3Page - List of Unclassifed Manufacturers PPTC041LGBN-R Datasheet HTML 4Page - List of Unclassifed Manufacturers PPTC041LGBN-R Datasheet HTML 5Page - List of Unclassifed Manufacturers PPTC041LGBN-R Datasheet HTML 6Page - List of Unclassifed Manufacturers PPTC041LGBN-R Datasheet HTML 7Page - List of Unclassifed Manufacturers PPTC041LGBN-R Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
OPERATION
The EHE004 performance was measured while
connected to a Volture™ V25W piezoelectric energy
harvester.
The system was properly clamped and
tuned using the procedures detailed in the Volture™
datasheet. The assembly was attached to a shake
table to generate vibrations to test the system. The
shake table was driven by a function generator and the
amplitude was measured with an accelerometer. To
determine average power, the output duty cycle at the
known output voltage over a fixed 1.00K-ohm load was
measured.
Performance measurements were taken at 0.25g,
0.50g, 0.75g, and 1g amplitudes. The lowest amplitude
at which the EHE004 input exceeded the UVLO
threshold, producing a usable output, was also
recorded. The figure below shows the results for these
tests.
For the same amplitude conditions, other
Volture™ products would exhibit similar performance
characteristics though with different power output
levels.
Typical average power output levels for
Volture™ energy harvesting products can be found on
the Volture™ datasheet.
This representative figure shows how the different
settings on the EHE004 can be used most efficiently
given the vibration profile that this specific energy
harvester with this tip mass was subjected to. For lowest
amplitude vibrations (in this instance below 0.175 gee)
6
REVISION N0. 002
REVISION DATE: 01-23-2013
0
0.2
0.4
0.6
0.8
1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
V25W, 1.8V,
75 Hz, 2.4 gram Tip Mass, Reg Cap
Amplitude (g)
Normal, Series
Normal, Parallel
Superseries, Series
Superseries, Parallel
Vout
setting (V)
UVLO
rising (V)
UVLO
falling (V)
Vmpp (V)
1
Vmin (V)
2
Vripple @
Vin=UVLO
(mV)
3
Vripple @
Vin=20 (mV)
3
1.8
4.04
2.87
7.4
3.1
120
160
2.5
4.04
2.87
7.5
3.1
120
160
3.3
5.05
3.67
9.3
3.6
140
280
3.6
5.05
4.02
9.6
3.6
160
300
NOTE 1: Approximate maximum power point (open-
circuit piezo voltage) at which power transfer to the
load is maximized.
NOTE 2: Minimum start-up voltage in halfbridge
(“superseries”) configuration.
NOTE 3: Ripple values measured at no load and the
10uF onboard output capacitance.
PERFORMANCE PLOTS
EHE004



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com