Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF14 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # RF14
Description  EEPROM Emulation Library
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RF14 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button RF14 Datasheet HTML 45Page - Renesas Technology Corp RF14 Datasheet HTML 46Page - Renesas Technology Corp RF14 Datasheet HTML 47Page - Renesas Technology Corp RF14 Datasheet HTML 48Page - Renesas Technology Corp RF14 Datasheet HTML 49Page - Renesas Technology Corp RF14 Datasheet HTML 50Page - Renesas Technology Corp RF14 Datasheet HTML 51Page - Renesas Technology Corp RF14 Datasheet HTML 52Page - Renesas Technology Corp RF14 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
RL78 Family
Chapter 6
Software Resources and Processing Time
EEPROM Emulation Library Pack02
R01US0068EJ0100
Rev.1.00
Page 49 of 53
Mar. 28, 2014
Table 6-1
EEL Function Response Time of EEPROM Emulation Library Pack02
Table 6-2
Total Processing Time of EEPROM Emulation Library Pack 02
Remarks
fcpu: CPU/peripheral hardware clock frequency (for example, at 20 MHz, fcpu = 20)
Block Num: Number of EEPROM emulation blocks
Functions
MAX time(Full Speed Mode)
MAX time(Wide Voltage Mode)
FDL_Init
1199 / fcpu
1199 / fcpu
FDL_Open
27 / fcpu + 14us
27 / fcpu + 14us
FDL_Close
836 / fcpu + 444us
791 / fcpu + 969us
EEL_Init
3268 / fcpu
3268 / fcpu
EEL_Open
14 / fcpu
14 / fcpu
EEL_Close
17 / fcpu
17 / fcpu
EEL_GetSpace
47 / fcpu
47 / fcpu
EEL_GetVersionString
14 / fcpu
14 / fcpu
EEL_Execute
320 / fcpu
320 / fcpu
EEL_Handler
4582 / fcpu
4582 / fcpu
Functions
MAX time(Full Speed Mode)
MAX time(Wide Voltage Mode)
EEL_Execute / EEL_Handler
EEL_CMD_STARTUP
( 280530 + 235 * Block Num )
/ fcpu + 1612 us
( 277604 + 235 *
Block Num )
/ fcpu + 8798 us
EEL_CMD_FORMAT
( 67102 + 288981 *
Block Num
)
/ fcpu + ( 266627 *
Block Num
) us
( 67102 + 256218 * Block Num )
/ fcpu + ( 303359 * Block Num ) us
EEL_CMD_REFRESH
1. Finished normally
5163828 / fcpu + 774424 us
5072479 / fcpu + 1421917 us
EEL_CMD_REFRESH
2. REFRESH processing
failed until Block Num -1
( 1554000 + 7538406 * (Block Num - 1) )
/ fcpu + ( 1548404 * (Block Num - 1) ) us
( 1554000 + 7355752 * (Block Num - 1) )
/ fcpu + ( 2842866 * (Block Num - 1) ) us
EEL_CMD_VERIFY
30869 / fcpu + 4126 us
19605 / fcpu + 29754 us
EEL_CMD_WRITE
303387 / fcpu + 111858 us
289240 / fcpu + 253342 us
EEL_CMD_READ
5102 / fcpu
5102 / fcpu
EEL_CMD_SHUTDOWN
219 / fcpu
219 / fcpu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com