Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF14 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # RF14
Description  EEPROM Emulation Library
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RF14 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button RF14 Datasheet HTML 29Page - Renesas Technology Corp RF14 Datasheet HTML 30Page - Renesas Technology Corp RF14 Datasheet HTML 31Page - Renesas Technology Corp RF14 Datasheet HTML 32Page - Renesas Technology Corp RF14 Datasheet HTML 33Page - Renesas Technology Corp RF14 Datasheet HTML 34Page - Renesas Technology Corp RF14 Datasheet HTML 35Page - Renesas Technology Corp RF14 Datasheet HTML 36Page - Renesas Technology Corp RF14 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
RL78 Family
Chapter 5
User Interface
EEPROM Emulation Library Pack02
R01US0068EJ0100
Rev.1.00
Page 33 of 53
Mar. 28, 2014
5. 2
EEL Function Calls
This section describes how to call the EEL functions from a user program written in C or assembly language.
- C language
When an EEL function is called from a user program in C language in the same way as a normal C function is
called, the EEL function’s parameters are passed to the EEL as arguments and the required processing is
performed.
- Assembly language
Before calling an EEL function from a user program in assembly language, take necessary procedures (such as
setting parameters or return addresses) based on the function-calling rules for the C compiler package used by the
user as a development environment. The EEL function’s parameters are passed to the EEL as arguments and the
required processing is performed.
Remarks 1: To call the EEL functions offered by the EEL from a user program, you should define the following
standard header file and include it in that program:
C language
fdl.h: FDL header file
fdl_types.h: FDL definition setting header file
eel.h: EEL header file
eel_types.h: EEL definition setting header file
Assembly language
fdl.inc: FDL header file
eel.inc: EEL header file
eel_types.inc: EEL definition setting header file
Remarks 2: If an EEL function other than EEL_Init is called before EEL_Init is called, the correct operation is not guaranteed.
Remarks 3: If an EEL function other than FDL_Init is called before FDL_Init is called, the correct operation is not guaranteed.
5. 3
Data Types
Below are the data types of the parameters to be specified for calling the EEL functions offered by the EEL.
Macro name
Description
eel_u08
Unsigned 8-bit integers (unsigned char)
eel_u16
Unsigned 16-bit integers (unsigned short)
eel_u32
Unsigned 32-bit integers (unsigned long)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com