Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF14 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # RF14
Description  EEPROM Emulation Library
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RF14 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button RF14 Datasheet HTML 21Page - Renesas Technology Corp RF14 Datasheet HTML 22Page - Renesas Technology Corp RF14 Datasheet HTML 23Page - Renesas Technology Corp RF14 Datasheet HTML 24Page - Renesas Technology Corp RF14 Datasheet HTML 25Page - Renesas Technology Corp RF14 Datasheet HTML 26Page - Renesas Technology Corp RF14 Datasheet HTML 27Page - Renesas Technology Corp RF14 Datasheet HTML 28Page - Renesas Technology Corp RF14 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
RL78 Family
Chapter 4
Using EEPROM Emulation
EEPROM Emulation Library Pack02
R01US0068EJ0100
Rev.1.00
Page 25 of 53
Mar. 28, 2014
Chapter 4 Using EEPROM Emulation
EEPROM emulation can store a maximum of 64
Note data items each consisting of 1 to 255 bytes in the flash
memory by using three or more blocks (recommended) of flash memory.
EEPROM emulation can be executed by incorporating the EEL into a user-created program and executing that
program.
Note: For details about the number of user data items that can be stored, see 4.2 Number of stored user data
items and total user data size.
4.1
Caution Points
EEPROM emulation is achieved by using a feature for manipulating the on-board microcontroller data flash
memory. Therefore, it is necessary to note the following
Table 4-1
Points for Caution (1/2)
No
Caution Points
1
All EEL codes and constants must be placed in the same 64-Kbyte flash block.
2
Initialization by the FDL_Init function must be performed before the FDL_Open, FDL_Close, or any EEL
function is executed.
3
The EEL must be initialized by the EEL_Init function before any EEL function is executed.
4
The data flash memory cannot be read during data flash memory operation by the EEL.
5
Do not execute STOP mode or HALT mode processing while the EEPROM emulation is being used.
If it is necessary to execute STOP mode or HALT mode processing, be sure to execute all of the
processing up to and including the EEL_Close function and FDL_Close function to finish EEPROM
emulation.
6
The watchdog timer does not stop during the execution of the EEL.
7
The request structure (eel_request_t) must be placed at an even address.
8
Do not destroy the request structure (eel_request_t) during command execution.
9
Initialize the argument (RAM) that is used by the EEPROM emulation library function. When not initialized,
a RAM parity error is detected and the RL78 microcontroller might be reset. For a RAM parity error, refer
to the user’s manual of the target RL78 microcontroller.
10
All members of the request structure (eel_request_t) must be initialized once before a command is
executed. If any unused member exists in the request structure (eel_request_t), set a desired value for the
member. If any member is not initialized, the RL78 microcontroller may be reset due to a RAM parity error.
For details, see the User’s Manual: Hardware for the RL78 microcontroller in use.
11
The EEL does not support multitask execution. Do not execute the EEL functions during interrupt
processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com