Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF14 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # RF14
Description  EEPROM Emulation Library
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RF14 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button RF14 Datasheet HTML 22Page - Renesas Technology Corp RF14 Datasheet HTML 23Page - Renesas Technology Corp RF14 Datasheet HTML 24Page - Renesas Technology Corp RF14 Datasheet HTML 25Page - Renesas Technology Corp RF14 Datasheet HTML 26Page - Renesas Technology Corp RF14 Datasheet HTML 27Page - Renesas Technology Corp RF14 Datasheet HTML 28Page - Renesas Technology Corp RF14 Datasheet HTML 29Page - Renesas Technology Corp RF14 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
RL78 Family
Chapter 4
Using EEPROM Emulation
EEPROM Emulation Library Pack02
R01US0068EJ0100
Rev.1.00
Page 26 of 53
Mar. 28, 2014
Table 4-2
Points for Caution (1/2)
No
Caution Points
12
After the FDL_Close and EEL_Close functions have been executed, the requested command and ongoing
command stop and cannot be resumed. Before calling the FDL_Close and EEL_Close functions, finish all
ongoing commands.
13
Before using the EEPROM emulation library, always close the FSL. Also, do not run the FSL while the
EEPROM emulation library is being used. When using the FSL, be sure to execute all of the processing up
to and including the EEL_Close function and FDL_Close function to finish EEPROM emulation.
When using EEPROM emulation after executing FSL processing, it is necessary to start processing from
the initializing function (the FDL_Init function).
14
Before starting the EEPROM emulation, be sure to start up the high-speed on-chip oscillator first. The
high-speed on-chip oscillator must also be activated when using the external clock.
15
In address above 0xFFE20 (0xFE20), do not place data buffer (argument) or stack which is used by
EEL functions and FDL functions.
16
When using data transfer controller (DTC) during EEPROM emulation, do not place RAM area used by
DTC in self-RAM and in address above 0xFFE20 (0xFE20).
17
Until EEPROM emulation is finished, do not corrupt RAM area (including self-RAM) used by EEPROM
emulation.
18
No checksum is added to user data. If a checksum is needed, add it to user data and check through the
user program.
19
When the FDL descriptor or EEL descriptor is changed, the EEPROM emulation can no longer be
executed. In that case, the EEL pool must be formatted by the EEL_CMD_FORMAT command in addition
to initialization of FDL and EEL. When adding data, however, the EEPROM emulation can be continuously
executed.
20
Do not operate the Data Flash Control Register (DFLCTL) during the execution of the EEL.
21
To
use
the
data
flash
memory
for
EEPROM
emulation,
it
is
necessary
to
execute
the
EEL_CMD_FORMAT command upon first starting up to initialize the data flash memory and make it
usable as EEPROM emulation blocks.
22
It is recommended that at least three blocks be provided in the data flash memory to use the EEL.
23
Do not destroy EEL blocks by the user program that uses other EELs or FDLs.
24
The EEL does not support multitask execution. When executing an EEL function on the OS, do not
execute in from two or more tasks.
25
About an operation frequency of RL78 microcontrollers and an operation frequency value set by the
initializing function (FDL_Init), be aware of the following points:
-When using a frequency lower than 4 MHz as an operation frequency of RL78 microcontrollers, only 1
MHz, 2 MHz and 3 MHz can be used (frequencies other than integer values like a 1.5 MHz cannot be
used). Also, set an integer value 1, 2, or 3 to the operation frequency value set by the initializingfunction.
- When using a frequency of 4 MHz or higher
Note1 as an operation frequency of RL78 microcontrollers, a
certain frequency can be used as an operation frequency of RL78 microcontrollers.
- This operation frequency is not the frequency of the high-speed on-chip oscillator.
Note 1: For a maximum frequency, see the target RL78 microcontroller user’s manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com