Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF14 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # RF14
Description  EEPROM Emulation Library
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RF14 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button RF14 Datasheet HTML 24Page - Renesas Technology Corp RF14 Datasheet HTML 25Page - Renesas Technology Corp RF14 Datasheet HTML 26Page - Renesas Technology Corp RF14 Datasheet HTML 27Page - Renesas Technology Corp RF14 Datasheet HTML 28Page - Renesas Technology Corp RF14 Datasheet HTML 29Page - Renesas Technology Corp RF14 Datasheet HTML 30Page - Renesas Technology Corp RF14 Datasheet HTML 31Page - Renesas Technology Corp RF14 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
RL78 Family
Chapter 4
Using EEPROM Emulation
EEPROM Emulation Library Pack02
R01US0068EJ0100
Rev.1.00
Page 28 of 53
Mar. 28, 2014
4.3
Initial Values to be set by User
As the initial values for the EEL, be sure to set the items indicated below. In addition, before executing the EEL, be sure to
execute the high-speed on-chip oscillator. The high-speed on-chip oscillator must also be activated when using the external
clock.
・Number of stored data items, and specific data IDs and data size
<Data flash library user include file (fdl_descriptor.h)>
Note 1,2
<EEPROM emulation library user include file (eel_descriptor.h)>
Note 1, 2
<EEPROM emulation library user program file (eel_descriptor.c)>
Note
2
Note 1: The macros and macro names that are being used have common parameters with the EEL, so changes
should be made to numerical values only.
Note 2: After initializing the EEPROM emulation blocks (after executing the EEL_CMD_FORMAT command), do
not change the values. If the values are changed, reinitialize the EEL blocks (by executing the
EEL_CMD_FORMAT command).
#define
EEL_VAR_NO
8
#define
FDL_SYSTEM_FREQUENCY
32000000
#define
FDL_WIDE_VOLTAGE_MODE
#define
FDL_POOL_BLOCKS
0
#define
EEL_POOL_BLOCKS
4
:(1) Operation frequency
:(2) Voltage mode
:(3) FDL pool size
:(4) EEL pool size
:(5) Number of stored data items
__far const eel_u08 eel_descriptor[EEL_VAR_NO+2] =
{
(eel_u08)(EEL_VAR_NO),
/* variable count
*/
¥
(eel_u08)(sizeof(type_A)),
/* id=1
*/
¥
(eel_u08)(sizeof(type_B)),
/* id=2
*/
¥
(eel_u08)(sizeof(type_C)),
/* id=3
*/
¥
(eel_u08)(sizeof(type_D)),
/* id=4
*/
¥
(eel_u08)(sizeof(type_E)),
/* id=5
*/
¥
(eel_u08)(sizeof(type_F)),
/* id=6
*/
¥
(eel_u08)(sizeof(type_X)),
/* id=7
*/
¥
(eel_u08)(sizeof(type_Z)),
/* id=8
*/
¥
(eel_u08)(0x00),
/* zero terminator
*/
¥
};
:(6) Data size of the identifier
(data ID)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com