Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8613 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8613
Description  Low Power, 3.6 MHz, Low Noise, Rail-to - Rail Output, Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8613 Datasheet(HTML) 4 Page - Analog Devices

  AD8613 Datasheet HTML 1Page - Analog Devices AD8613 Datasheet HTML 2Page - Analog Devices AD8613 Datasheet HTML 3Page - Analog Devices AD8613 Datasheet HTML 4Page - Analog Devices AD8613 Datasheet HTML 5Page - Analog Devices AD8613 Datasheet HTML 6Page - Analog Devices AD8613 Datasheet HTML 7Page - Analog Devices AD8613 Datasheet HTML 8Page - Analog Devices AD8613 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADA4691-2/ADA4691-4/ADA4692-2/ADA4692-4
Rev. D | Page 4 of 20
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 600 Ω, CL = 20 pF, AV = +1
1.1
V/μs
RL = 2 kΩ, CL = 20 pF, AV = +1
1.4
V/μs
Settling Time to 0.1%
tS
Step = 0.5 V, RL = 2 kΩ, 600 Ω
1
μs
Gain Bandwidth Product
GBP
RL = 1 MΩ, CL = 35 pF, AV = +1
3.6
MHz
Phase Margin
ΦM
RL = 1 MΩ, CL = 35 pF, AV = +1
49
Degrees
Turn-On/Turn-Off Time
RL = 600 Ω
1
μs
NOISE PERFORMANCE
Distortion
THD + N
AV = −1, RL = 2 kΩ, f = 1 kHz, VIN rms = 0.15 V rms
0.009
%
AV = −1, RL = 600 Ω, f = 1 kHz, VIN rms = 0.15 V rms
0.01
%
AV = +1, RL = 2 kΩ, f = 1 kHz, VIN rms = 0.15 V rms
0.006
%
AV = +1, RL = 600 Ω, f = 1 kHz, VIN rms = 0.15 V rms
0.009
%
Voltage Noise
en p-p
f = 0.1 Hz to 10 Hz
3.1
μV p-p
Voltage Noise Density
en
f = 1 kHz
16
nV/√Hz
f = 10 kHz
13
nV/√Hz
ELECTRICAL CHARACTERISTICS—5 V OPERATION
VSY = 5 V, VCM = VSY/2, TA = 25°C, unless otherwise specified.
Table 3.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
VCM = −0.3 V to +3.9 V
0.5
2.5
mV
Dual (ADA469x-2)
VCM = −0.1 V to +3.9 V; −40°C < TA < +125°C
3.5
mV
Quad (ADA469x-4)
VCM = −0.1 V to +3.9 V; −40°C < TA < +125°C
4.0
mV
Offset Voltage Drift
ΔVOS/ΔT
−40°C < TA < +125°C
1
4
μV/°C
Input Bias Current
IB
0.5
5
pA
−40°C < TA < +125°C
360
pA
Input Offset Current
IOS
1
8
pA
−40°C < TA < +125°C
260
pA
Input Voltage Range
−40°C < TA < +125°C
−0.3
+3.9
V
Common-Mode Rejection Ratio
CMRR
VCM = −0.3 V to +3.9 V
75
98
dB
VCM = −0.1 V to +3.9 V; −40°C < TA < +125°C
68
dB
Large Signal Voltage Gain
AVO
RL = 2 kΩ, VO = 0.5 V to 4.5 V, VCM = 0 V
95
110
dB
−40°C < TA < +85°C
80
dB
−40°C < TA < +125°C
70
dB
RL = 600 Ω, VO = 0.5 V to 4.5 V, VCM = 0 V
90
100
dB
Input Capacitance
Differential Mode
CINDM
2.5
pF
Common Mode
CINCM
7
pF
Logic High Voltage (Enabled)
VIH
−40°C < TA < +125°C
2.0
V
Logic Low Voltage (Power-Down)
VIL
−40°C < TA < +125°C
0.8
V
Logic Input Current (Per Pin)
IIN
−40°C < TA < +125°C, 0 V ≤ VSD ≤ 2.7 V
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com