Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8613 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8613
Description  Low Power, 3.6 MHz, Low Noise, Rail-to - Rail Output, Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8613 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8613 Datasheet HTML 6Page - Analog Devices AD8613 Datasheet HTML 7Page - Analog Devices AD8613 Datasheet HTML 8Page - Analog Devices AD8613 Datasheet HTML 9Page - Analog Devices AD8613 Datasheet HTML 10Page - Analog Devices AD8613 Datasheet HTML 11Page - Analog Devices AD8613 Datasheet HTML 12Page - Analog Devices AD8613 Datasheet HTML 13Page - Analog Devices AD8613 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADA4691-2/ADA4691-4/ADA4692-2/ADA4692-4
Rev. D | Page 10 of 20
10k
0.01
0.1
1
10
100
1k
0.001
100
10
1
0.1
0.01
ILOAD (mA)
ADA4692-2
VSY = ±1.35V
VOL = VOUT – (V–)
(SINKING)
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
Figure 21. Output Voltage (VOL) to Supply Rail vs. Load Current
120
100
80
60
40
20
0
–20
–40
–60
120
100
80
60
40
20
0
–20
–40
–60
1k
10M
1M
100k
10k
FREQUENCY (Hz)
ADA4692-2
VSY = ±1.35V
TA = 25°C
AV = –1
CL = 20pF
CL = 200pF
Figure 22. Open-Loop Gain and Phase vs. Frequency
50
–30
–20
–10
0
10
20
30
40
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
ADA4692-2
VSY = ±1.35V
TA = 25°C
RL = 600Ω
AV = +100
AV = +10
AV = +1
Figure 23. Closed-Loop Gain vs. Frequency
10k
0.01
0.1
1
10
100
1k
0.001
100
10
1
0.1
0.01
ILOAD (mA)
ADA4692-2
VSY = ±2.5V
VOL = VOUT – (V–)
(SINKING)
TA = +125°C
TA = –40°C
TA = +25°C
TA = +85°C
Figure 24. Output Voltage (VOL) to Supply Rail vs. Load Current
120
100
80
60
40
20
0
–20
–40
–60
120
100
80
60
40
20
0
–20
–40
–60
1k
10M
1M
100k
10k
FREQUENCY (Hz)
ADA4692-2
VSY = ±2.5V
TA = 25°C
AV = –1
CL = 20pF
CL = 200pF
Figure 25. Open-Loop Gain and Phase vs. Frequency
50
–30
–20
–10
0
10
20
30
40
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
ADA4692-2
VSY = ±2.5V
TA = 25°C
RL = 600Ω
AV = +100
AV = +10
AV = +1
Figure 26. Closed-Loop Gain vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com