Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8613 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8613
Description  Low Power, 3.6 MHz, Low Noise, Rail-to - Rail Output, Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8613 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8613 Datasheet HTML 9Page - Analog Devices AD8613 Datasheet HTML 10Page - Analog Devices AD8613 Datasheet HTML 11Page - Analog Devices AD8613 Datasheet HTML 12Page - Analog Devices AD8613 Datasheet HTML 13Page - Analog Devices AD8613 Datasheet HTML 14Page - Analog Devices AD8613 Datasheet HTML 15Page - Analog Devices AD8613 Datasheet HTML 16Page - Analog Devices AD8613 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADA4691-2/ADA4691-4/ADA4692-2/ADA4692-4
Rev. D | Page 13 of 20
ADA4692-2
VSY = ±1.35V
GAIN = +1
RL = 2kΩ
CL = 200pF
TA = 25°C
TIME (2µs/DIV)
Figure 39. Small Signal Transient Response
ADA4692-2
VSY = ±1.35V
GAIN = +1M
TA = 25°C
TIME (1s/DIV)
Figure 40. 0.1 Hz to 10 Hz Noise
250
200
150
100
50
0
05.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
VSY (V)
ADA4692-2
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
Figure 41. Supply Current per Amplifier vs. Supply Voltage
T
ADA4692-2
VSY = ±2.5V
GAIN = +1
RL = 2kΩ
CL = 200pF
TA = 25°C
TIME (2µs/DIV)
Figure 42. Small Signal Transient Response
ADA4692-2
VSY = ±2.5V
GAIN = +1M
TA = 25°C
TIME (1s/DIV)
Figure 43. 0.1 Hz to 10 Hz Noise
250
225
200
175
150
125
–40
125
110
95
80
65
50
35
20
5
–10
–25
TEMPERATURE (°C)
ADA4692-2
VSY = ±2.5V
VSY = ±1.35V
Figure 44. Supply Current per Channel vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com