Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8613 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8613
Description  Low Power, 3.6 MHz, Low Noise, Rail-to - Rail Output, Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8613 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8613 Datasheet HTML 3Page - Analog Devices AD8613 Datasheet HTML 4Page - Analog Devices AD8613 Datasheet HTML 5Page - Analog Devices AD8613 Datasheet HTML 6Page - Analog Devices AD8613 Datasheet HTML 7Page - Analog Devices AD8613 Datasheet HTML 8Page - Analog Devices AD8613 Datasheet HTML 9Page - Analog Devices AD8613 Datasheet HTML 10Page - Analog Devices AD8613 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADA4691-2/ADA4691-4/ADA4692-2/ADA4692-4
Rev. D | Page 7 of 20
PIN CONFIGURATIONS
ADA4691-2
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
BALL A1
CORNER
A1
OUT B
V+
OUT A
–IN B
SD A/B
–IN A
+IN B
V–
+IN A
B1
C1
A2
B2
C2
A3
B3
C3
Figure 3. 9-Ball Wafer Level Chip Scale WLCSP (CB-9-3)
6
7
2
1
3
+IN A
–IN A
V–
8
+IN B
–IN B
OUT B
TOP VIEW
(Not to Scale)
ADA4691-2
Figure 4. 10-Lead, 2 mm × 2 mm LFCSP (CP-10-11)
12
11
10
1
3
4
+IN D
V–
+IN C
9
–IN C
+IN A
+IN B
2
V+
–IN B
ADA4691-4
TOP VIEW
(Not to Scale)
NOTES
1. IT IS RECOMMENDED THAT THE EXPOSED
PAD BE CONNCECTED TO V–.
Figure 5. 16-Lead, 3 mm × 3 mm LFCSP (CP-16-22)
TOP VIEW
(Not to Scale)
ADA4692-2
3
+IN A
4
V–
1
OUT A
2
–IN A
6 –IN B
5 +IN B
8V+
7OUT B
Figure 6. 8-Lead, 2 mm × 2 mm LFCSP (CP-8-6)
OUT A 1
–IN
2
+IN
3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
ADA4692-2
TOP VIEW
(Not to Scale)
Figure 7. 8-Lead SOIC_N (R-8)
1
2
3
4
5
6
7
ADA4692-4
–IN A
+IN A
V+
OUT B
–IN B
+IN B
OUT A
14
13
12
11
10
9
8
–IN D
+IN D
V–
OUT C
–IN C
+IN C
OUT D
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
TOP VIEW
(Not to Scale)
Figure 8. 14-Lead TSSOP (RU-14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com