Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8613 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8613
Description  Low Power, 3.6 MHz, Low Noise, Rail-to - Rail Output, Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8613 Datasheet(HTML) 3 Page - Analog Devices

  AD8613 Datasheet HTML 1Page - Analog Devices AD8613 Datasheet HTML 2Page - Analog Devices AD8613 Datasheet HTML 3Page - Analog Devices AD8613 Datasheet HTML 4Page - Analog Devices AD8613 Datasheet HTML 5Page - Analog Devices AD8613 Datasheet HTML 6Page - Analog Devices AD8613 Datasheet HTML 7Page - Analog Devices AD8613 Datasheet HTML 8Page - Analog Devices AD8613 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADA4691-2/ADA4691-4/ADA4692-2/ADA4692-4
Rev. D | Page 3 of 20
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—2.7 V OPERATION
VSY = 2.7 V, VCM = VSY/2, TA = 25°C, unless otherwise specified.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
VCM = −0.3 V to +1.6 V
0.5
2.5
mV
Dual (ADA469x-2)
VCM = −0.1 V to +1.6 V; −40°C < TA < +125°C
3.5
mV
Quad (ADA469x-4)
VCM = −0.1 V to +1.6 V; −40°C < TA < +125°C
4.0
mV
Offset Voltage Drift
ΔVOS/ΔT
−40°C < TA < +125°C
1
4
μV/°C
Input Bias Current
IB
0.5
5
pA
−40°C < TA < +125°C
360
pA
Input Offset Current
IOS
1
8
pA
−40°C < TA < +125°C
225
pA
Input Voltage Range
−40°C < TA < +125°C
−0.3
+1.6
V
Common-Mode Rejection Ratio
CMRR
VCM = −0.3 V to +1.6 V
70
90
dB
VCM = −0.1 V to +1.6 V; −40°C < TA < +125°C
62
dB
Large Signal Voltage Gain
AVO
RL = 2 kΩ, VOUT = 0.5 V to 2.2 V
90
100
dB
−40°C < TA < +85°C
80
dB
−40°C < TA < +125°C
63
dB
RL = 600 Ω, VOUT = 0.5 V to 2.2 V
85
95
dB
Input Capacitance
CIN
Differential Mode
CINDM
2.5
pF
Common Mode
CINCM
7
pF
Logic High Voltage (Enabled)
VIH
−40°C < TA < +125°C
1.6
V
Logic Low Voltage (Power-Down)
VIL
−40°C < TA < +125°C
0.5
V
Logic Input Current (Per Pin)
IIN
−40°C < TA < +125°C, 0 V ≤ VSD ≤ 2.7 V
1
μA
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 2 kΩ to GND
2.65
2.67
V
−40°C < TA < +125°C
2.6
V
RL = 600 Ω to GND
2.55
2.59
V
−40°C < TA < +125°C
2.5
V
Output Voltage Low
VOL
RL = 2 kΩ to VSY
24
30
mV
−40°C < TA < +125°C
40
mV
RL = 600 Ω to VSY
78
95
mV
−40°C < TA < +125°C
130
mV
Short-Circuit Current
ISC
VOUT = VSY or GND
±15
mA
Closed-Loop Output Impedance
ZOUT
f = 1 MHz, AV = −100
372
Ω
Output Pin Leakage Current
−40°C < TA < +125°C, shutdown active, VSD = VSS
10
nA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.7 V to 5.5 V
80
90
dB
−40°C < TA < +125°C
75
dB
Supply Current Per Amplifier
ISY
VOUT = VSY/2
165
200
μA
−40°C < TA < +125°C
240
μA
Supply Current Shutdown Mode
ISD
All amplifiers shut down, VSD = VSS
10
nA
−40°C < TA < +125°C
2
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com