Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV981MFNOPB Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV981MFNOPB
Description  Dual 1.8V, RRIO Operational Amplifiers with Shutdown
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV981MFNOPB Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMV981MFNOPB Datasheet HTML 1Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 2Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 3Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 4Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 5Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 6Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
LMV981-N, LMV982-N
www.ti.com
SNOS976L – NOVEMBER 2001 – REVISED MARCH 2013
1.8V DC Electrical Characteristics (continued)
Unless otherwise specified, all limits ensured for TJ = 25°C. V
+ = 1.8V, V − = 0V, V
CM = V
+/2, V
O = V
+/2, R
L > 1 MΩ and SHDN
tied to V
+. Boldface limits apply at the temperature extremes. See (1).
Parameter
Test Conditions
Min (2)
Typ (3)
Max (2)
Units
IOS
Input Offset Current
13
25
nA
40
IS
Supply Current (per channel)
103
185
205
In Shutdown
LMV981-N (Single)
0.156
1
μA
2
LMV982 (Dual)
0.178
3.5
5
CMRR
Common Mode Rejection Ratio
LMV981-N, 0
≤ VCM ≤ 0.6V
60
78
1.4V
≤ VCM ≤ 1.8V
55
(4)
LMV982, 0
≤ VCM ≤ 0.6V
55
76
dB
1.4V
≤ VCM ≤ 1.8V
(4)
50
−0.2V ≤ VCM ≤ 0V
50
72
1.8V
≤ VCM ≤ 2.0V
PSRR
Power Supply Rejection Ratio
1.8V
≤ V+ ≤ 5V
75
100
dB
70
CMVR
Input Common-Mode Voltage
For CMRR
TA = 25°C
V−
−0.2
−0.2 to 2.1
V+ +0.2
Range
Range
≥ 50dB
TA = −40°C to 85°C
V−
V+
V
TA = 125°C
V− +0.2
V+
−0.2
AV
Large Signal Voltage Gain
RL = 600Ω to 0.9V,
77
101
LMV981-N (Single)
VO = 0.2V to 1.6V, VCM = 0.5V
73
dB
RL = 2kΩ to 0.9V,
80
105
VO = 0.2V to 1.6V, VCM = 0.5V
75
Large Signal Voltage Gain
RL = 600Ω to 0.9V,
75
90
LMV982 (Dual)
VO = 0.2V to 1.6V, VCM = 0.5V
72
dB
RL = 2kΩ to 0.9V,
78
100
VO = 0.2V to 1.6V, VCM = 0.5V
75
VO
Output Swing
RL = 600Ω to 0.9V
1.65
1.72
VIN = ± 100mV
1.63
0.077
0.105
0.120
V
RL = 2kΩ to 0.9V
1.75
1.77
VIN = ± 100mV
1.74
0.024
0.035
0.04
IO
Output Short Circuit Current
Sourcing, VO = 0V
4
8
(5)
VIN = 100mV
3.3
mA
Sinking, VO = 1.8V
7
9
VIN = −100mV
5
Ton
Turn-on Time from Shutdown
19
μs
VSHDN
Turn-on Voltage to enable part
1.0
V
Turn-off Voltage
0.55
(4)
For ensured temperature ranges, see Input Common-Mode Voltage Range specifications.
(5)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of 45mA over long term may adversely affect
reliability.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMV981-N LMV982-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com