Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV981MFNOPB Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV981MFNOPB
Description  Dual 1.8V, RRIO Operational Amplifiers with Shutdown
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV981MFNOPB Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV981MFNOPB Datasheet HTML 1Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 2Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 3Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 4Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 5Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 6Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
LMV981-N, LMV982-N
www.ti.com
SNOS976L – NOVEMBER 2001 – REVISED MARCH 2013
LMV981-N Single / LMV982 Dual 1.8V, RRIO Operational Amplifiers with Shutdown
Check for Samples: LMV981-N, LMV982-N
1
FEATURES
DESCRIPTION
LMV981-N/LMV982 are low voltage, low power
2
•
(Typical 1.8V Supply Values; Unless Otherwise
operational amplifiers. LMV981-N/LMV982 operate
Noted)
from +1.8V to +5.0V supply voltages and have rail-to-
•
Ensured 1.8V, 2.7V and 5V Specifications
rail
input
and
output.
LMV981-N/LMV982
input
•
Output Swing
common mode voltage extends 200mV beyond the
supplies which enables user enhanced functionality
–
w/600
Ω load 80mV from Rail
beyond the supply voltage range. The output can
–
w/2k
Ω load 30mV from Rail
swing rail-to-rail unloaded and within 105mV from the
•
VCM 200mV Beyond Rails
rail with 600
Ω load at 1.8V supply. LMV981-
N/LMV982 are optimized to work at 1.8V which make
•
Supply Current (Per Channel) 100
μA
them ideal for portable two-cell battery powered
•
Gain Bandwidth Product 1.4MHz
systems and single cell Li-Ion systems.
•
Maximum VOS 4.0mV
LMV981-N/LMV982 offer a shutdown pin that can be
•
Gain w/600
Ω Load 101dB
used to disable the device and reduce the supply
•
Ultra Tiny Package DSBGA 1.0mm x 1.5mm
current. The device is in shutdown when the SHDN-
pin = low. The output will be high impedance in
•
Turn-On Time from Shutdown 19
μs
shutdown.
•
Temperature Range
−40°C to 125°C
LMV981-N/LMV982 exhibit excellent speed-power
ratio, achieving 1.4MHz gain bandwidth product at
APPLICATIONS
1.8V supply voltage with very low supply current.
•
Industrial and Automotive
LMV981-N/LMV982 are capable of driving a 600
Ω
•
Consumer Communication
load and up to 1000pF capacitive load with minimal
ringing. LMV981-N/LMV982 have a high DC gain of
•
Consumer Computing
101dB, making them suitable for low frequency
•
PDAs
applications.
•
Portable audio
LMV981-N is offered in space saving 6-Bump
•
Portable/Battery-Powered Electronic
DSBGA, SC70-6 and SOT-23-6 packages. The 6-
Equipment
Bump DSBGA package has only a 1.006mm x
1.514mm x 0.945mm footprint. LMV982 is offered in
•
Supply Current Monitoring
space saving VSSOP-10 package. These small
•
Battery Monitoring
packages are ideal solutions for area constrained PC
boards and portable electronics such as cellular
phones and PDAs.
Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMV981MFNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV981MF NSC-LMV981MF Datasheet
585Kb / 18P
1.8V, RRIO Operational Amplifiers with Shutdown
logo
Texas Instruments
LMV981MF TI1-LMV981MF Datasheet
1,008Kb / 20P
Single / LMV982 Dual 1.8V, RRIO Operational Amplifiers with Shutdown
LMV981MF TI1-LMV981MF Datasheet
1Mb / 28P
Dual 1.8V, RRIO Operational Amplifiers
LMV981MF/NOPB TI1-LMV981MF/NOPB Datasheet
1Mb / 28P
Dual 1.8V, RRIO Operational Amplifiers
logo
National Semiconductor ...
LMV981MFX NSC-LMV981MFX Datasheet
585Kb / 18P
1.8V, RRIO Operational Amplifiers with Shutdown
More results

Similar Description - LMV981MFNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV931 NSC-LMV931 Datasheet
625Kb / 19P
1.8V, RRIO Operational Amplifiers
LMV981 NSC-LMV981 Datasheet
585Kb / 18P
1.8V, RRIO Operational Amplifiers with Shutdown
LMV710 NSC-LMV710 Datasheet
708Kb / 19P
Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
logo
Texas Instruments
LMV981 TI1-LMV981 Datasheet
1,008Kb / 20P
Single / LMV982 Dual 1.8V, RRIO Operational Amplifiers with Shutdown
logo
Analog Devices
OP196GSZ-REEL7 AD-OP196GSZ-REEL7 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
REV. E
OP196 AD-OP196_15 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
Rev. E
OP296 AD-OP296_15 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
Rev. E
OP496 AD-OP496_15 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
Rev. E
logo
Texas Instruments
LMV981-N TI1-LMV981-N Datasheet
1Mb / 28P
Dual 1.8V, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com