Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV981MFNOPB Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV981MFNOPB
Description  Dual 1.8V, RRIO Operational Amplifiers with Shutdown
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV981MFNOPB Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMV981MFNOPB Datasheet HTML 9Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 10Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 11Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 12Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 13Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 14Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 15Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 16Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
-0.4
0.6
1.6
2.6
3.6
4.6
5.6
VCM (V)
-1
-0.5
0
0.5
1
1.5
2
2.5
3
VS = 5V
125°C
85°C
25°C
-40°C
-0.4
0
0.4
0.8
1.2
1.6
2
2.4
-1
-0.5
0
0.5
1
1.5
2
2.5
3
VCM (V)
VS = 1.8V
125°C
25°C
85°C
-40°C
-0.4
0.1
0.6
1.1
1.6
2.1
2.6
3.1
-1
-0.5
0
0.5
1
1.5
2
2.5
3
VCM (V)
VS = 2.7V
125°C
25°C
85°C
-40°C
LMV981-N, LMV982-N
www.ti.com
SNOS976L – NOVEMBER 2001 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, VS = +5V, single supply, TA = 25°C.
Offset Voltage
Offset Voltage
vs.
vs.
Common Mode Range
Common Mode Range
Figure 28.
Figure 29.
Offset Voltage
vs.
Common Mode Range
Figure 30.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMV981-N LMV982-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com