Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV981MFNOPB Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV981MFNOPB
Description  Dual 1.8V, RRIO Operational Amplifiers with Shutdown
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV981MFNOPB Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMV981MFNOPB Datasheet HTML 5Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 6Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 9Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 10Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 11Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 12Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
0
1
2
3
4
5
6
SUPPLY VOLTAGE (V)
20
25
30
35
40
45
RL = 2k:
NEGATIVE SWING
POSITIVE SWING
10k
FREQUENCY (Hz)
PHASE
GAIN
CL = 0pF
CL = 300pF
CL = 1000pF
100k
1M
10
M
-10
0
10
20
30
40
50
60
CL = 1000pF
CL = 300pF
CL = 0pF
VS = 1.8V
RL = 600:
-22.5
0.
0
22.5
45.
0
67.5
90.0
112.5
135.
0
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
OUTPUT VOLTAGE REF TO GND (V)
VS = 5V
VS = 2.7V
VS = 1.8V
0
1
2
3
4
5
6
SUPPLY VOLTAGE (V)
60
70
80
90
100
110
120
130
140
NEGATIVE SWING
POSITIVE SWING
RL = 600:
SUPPLY VOLTAGE (V)
160
140
120
100
80
60
40
20
0
0
1
2
3
4
5
125°C
25°C
-40°C
85°C
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
OUTPUT VOLTAGE REFERENCED TO V+ (V)
VS = 5V
VS = 1.8V
VS = 2.7V
LMV981-N, LMV982-N
www.ti.com
SNOS976L – NOVEMBER 2001 – REVISED MARCH 2013
Typical Performance Characteristics
Unless otherwise specified, VS = +5V, single supply, TA = 25°C.
Supply Current
Sourcing Current
vs.
vs.
Supply Voltage (LMV981-N)
Output Voltage
Figure 4.
Figure 5.
Sinking Current
Output Voltage Swing
vs.
vs.
Output Voltage
Supply Voltage
Figure 6.
Figure 7.
Output Voltage Swing
Gain and Phase
vs.
vs.
Supply Voltage
Frequency
Figure 8.
Figure 9.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMV981-N LMV982-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com