Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV981MFNOPB Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV981MFNOPB
Description  Dual 1.8V, RRIO Operational Amplifiers with Shutdown
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV981MFNOPB Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMV981MFNOPB Datasheet HTML 6Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 9Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 10Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 11Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 12Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 13Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
FREQUENCY (Hz)
1000
100
10
10
100
1k
10k
100k
10
100
1k
10k
FREQUENCY (Hz)
30
40
50
60
70
80
90
100
+PSRR
-PSRR
VS = 5V
10k
FREQUENCY (Hz)
100k
1M
10
M
-10
0
10
20
30
40
50
60
VS = 5.0V
RL = 600:
CL = 150pF
-22.5
0.
0
22.5
45.
0
67.5
90.0
112.5
135.
0
PHASE
GAIN
-40°C
25°C
85°C
125°C
-40°C
25°C
85°C
125°C
10
100
1k
10k
FREQUENCY (Hz)
60
65
70
75
80
85
90
VS = 5V
VS = 2.7V
VS = 1.8V
10k
FREQUENCY (Hz)
PHASE
CL = 0pF
CL = 300pF
CL = 1000pF
100k
1M
10
M
-10
0
10
20
30
40
50
60
VS = 5.0V
RL = 600:
-22.5
0.0
22.5
45.0
67.5
90.0
112.5
135.0
GAIN
CL = 1000pF
CL = 300pF
CL = 0pF
10k
FREQUENCY (Hz)
100k
1M
10
M
-10
0
10
20
30
40
50
60
VS = 1.8V
RL = 600:
CL = 150pF
-22.5
0.
0
22.5
45.
0
67.5
90.0
112.5
135.
0
PHASE
GAIN
-40°C
25°C
85°C
125°C
-40°C
25°C
85°C
125°C
LMV981-N, LMV982-N
SNOS976L – NOVEMBER 2001 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, VS = +5V, single supply, TA = 25°C.
Gain and Phase
Gain and Phase
vs.
vs.
Frequency
Frequency
Figure 10.
Figure 11.
Gain and Phase
CMRR
vs.
vs.
Frequency
Frequency
Figure 12.
Figure 13.
PSRR
Input Voltage Noise
vs.
vs.
Frequency
Frequency
Figure 14.
Figure 15.
10
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LMV981-N LMV982-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com