Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5106 Datasheet(PDF) 6 Page - Cherry Semiconductor Corporation

Part # CS5106
Description  Multi-Feature, Synchronous plus Auxiliary PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5106 Datasheet(HTML) 6 Page - Cherry Semiconductor Corporation

Back Button CS5106 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 10Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Package Lead Description
6
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Electrical Characteristics: TJ = -40¡C to 125¡C, VSS = 9 to 16V, V5REF ILOAD = 2mA, SYNCOUT Free Running, unless other-
wise specified. For All Specs: UVSD=6V, OVSD = 0V, ENABLE = 0V, ILIM(1,2) = 0,VFB(1,2) = 3V,RFADJ = RDLYSET = 27.4k½.
PACKAGE LEAD #
LEAD SYMBOL
FUNCTION
s GATE 2, 2B Non-Overlap Delay
GATE2 Turn-on Delay
Measure delay from GATE2B going low
20.0
45.0
70.0
ns
from GATE2B
@1.7V to GATE2 going high @1.7V.
GATE2B Turn-on Delay
Measure delay from GATE2 going low
20.0
45.0
70.0
ns
from GATE2
@1.7V to GATE2B going high @1.7V.
s GATE 1, 2, 2B Rise & Fall Times VSS=12V,VCC=VSS-VDON
GATE1 Rise Time
Measure GATE1 Rise Time from
50.0
80.0
ns
90% to 10%. CLOAD = 150pF.
GATE1 Fall Time
Measure GATE1 Fall Time from
10% to 90%. CLOAD = 150pF.
30.0
60.0
ns
GATE2 Rise Time
Measure GATE2 Rise Time from
90% to10%. CLOAD = 50pF.
50.0
80.0
ns
GATE2 Fall Time
Measure GATE2 Fall Time from
10% to 90%. CLOAD = 50pF.
15.0
30.0
ns
GATE2B Rise Time
Measure GATE2B Rise Time from
90% to10%. CLOAD = 50pF.
50.0
80.0
ns
GATE2B Fall Time
Measure GATE2B Fall Time from
10% to 90%. CLOAD = 50pF.
15.0
30.0
ns
1
UVSD
Undervoltage shutdown lead. Typically this lead is connected through a
resistor divider to the main high voltage (VIN) line. If the voltage on this lead
is less than 5V then a fault is initiated such that GATE1, GATE2 and GATE2B
go low.
2
OVSD
Overvoltage shutdown lead. Typically this lead is connected through a resistor
divider to the main high voltage (VIN) line. If the voltage on this lead exceeds
5V then a fault is initiated such that GATE1, GATE2 and GATE2B go low.
3V5REF
5V reference output lead. Capable of 20mA nominal output. If this lead falls
to 4.5V, a fault is initiated such that GATE1, GATE2 and GATE2B go low.
4
OAM
Auxiliary error amplifier minus input. This lead is compared to 1.2V nominal
on the auxiliary error amp plus lead and represents the VSS voltage divided
by ten.
5
OAOUT
Auxiliary error amplifier output lead. Source current 300µA max.
6
OUVDELAY
Output undervoltage timing capacitor lead. If the controlled output voltages
of either the main or the auxiliary supply are such that either VFB1 or VFB2 is
greater that 4.1V nominal, then capacitor from OUVDELAY to ground will
begin charging. If the over voltage duration is such that the OUVDELAY
voltage exceeds 5V, then a fault will be initiated such that GATE1, GATE2
and GATE2B will go low.
7ILIM1
Pulse by pulse over current protection lead for the auxiliary PWM. A voltage
exceeding 1.2V nominal on ILIM1 will cause GATE1 to go low. A voltage
exceeding 1.4V nominal on ILIM1 will cause GATE1 to go low for at least two
clock cycles.
8
RAMP1
Current Ramp Input Lead for the Auxiliary PWM. A voltage which is linear
with respect to current in the primary side of the auxiliary trans former is
usually represented on this lead. A voltage exceeding VFB1 - 0.13 on RAMP1
will cause GATE1 to go low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com