Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5106 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS5106
Description  Multi-Feature, Synchronous plus Auxiliary PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5106 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS5106 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Absolute Maximum Ratings
Lead Symbol
Lead Name
VMAX
VMIN
ISOURCE
ISINK
UVSD
Undervoltage Shutdown Input
6V
-0.3V
1mA
N/A
OVSD
Overvoltage Shutdown Input
6V
-0.3V
1mA
N/A
V5REF
5V Reference Output
6V
-0.3V
150mA
25mA
OAM
Error Amp Minus Input
6V
-0.3V
250µA
1.2mA
OAOUT
Error Amp Output
6V
-0.3V
300µA
100mA
OUVDELAY
Output Overcurrent Timer Capacitor
6V
-0.3V
15µA
N/A
ILIM1
Auxiliary Primary Side Current Limit Input
6V
-0.3V
10µA
N/A
RAMP1
Auxiliary Primary Side Current Ramp Input
6V
-0.3V
10µA
N/A
VFB1
Auxiliary Voltage Feedback Input
6V
-0.3V
5µA
100µA
VSS
Bootstrapped Power Input
20V
-0.3V
2µA
0.5A Peak
300mA DC
VCC
Main Power Input
20V
-0.3V
See Note 1
0.5A Peak
300mA DC
GATE1
Auxiliary FET Driver Output
20V
-0.3V
0.5A Peak
0.5Peak
100mA DC
100mA DC
Gnd
Ground
0V
0V
0.5A Peak
N/A
300mA DC
GATE2
Synchronous FET Driver Output
20V
-0.3V
0.5A Peak
0.5APeak
100mA DC
100mA DC
GATE2B
Synchronous FET Driver Output B
20V
-0.3V
0.5A Peak
0.5A Peak
100mA DC
100mA DC
VFB2
Synchronous Voltage Feedback Input
6V
-0.3V
10µA
100µA
RAMP2
Synchronous Primary Side Current Ramp Input
6V
-0.3V
10µA
N/A
ILIM2
Synchronous Primary Side Current Limit Input
6V
-0.3V
10µA
N/A
DLYSET
Gate Non-Overlap Programming Input
2.5V
-0.3V
125µA
N/A
FADJ
Frequency Programming Input
2.5V
-0.3V
125µA
N/A
SYNCOUT
Clock Master Output
6V
-0.3V
50mA
100mA
SYNCIN
Clock Slave Input
6V
-0.3V
N/A
1mA
PROGRAM
Enable Programming Input
16V
-0.3V
30µA
N/A
ENABLE
Enable Input
16V
-0.3V
300µA
N/A
Note 1: Current out of VCC is not limited. Care should be taken to prevent shorting VCC to Ground.
Operating Junction Temperature, TJ..................................................................................................................................... 150¡C
Operating Temperature Range, TA ...............................................................................................................................-40 to 85¡C
Storage Temperature Range, TS...................................................................................................................................-65 to 150¡C
ESD (Human Body Model).........................................................................................................................................................2kV
Lead Temperature Soldering: Reflow (SMD styles only).............................................60 sec. max above 183¡C, 230¡C peak



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com