Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5106 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS5106
Description  Multi-Feature, Synchronous plus Auxiliary PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5106 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS5106 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Electrical Characteristics: TJ = -40¡C to 125¡C, VSS = 9 to 16V, V5REF ILOAD = 2mA, SYNCOUT Free Running, unless other-
wise specified. For All Specs: UVSD=6V, OVSD = 0V, ENABLE = 0V, ILIM(1,2) = 0,VFB(1,2) = 3V,RFADJ = RDLYSET = 27.4k½.
s VSS Supply Current
Measure current into VSS when
16.00
23.00
mA
V5REF ILOAD=0mA. 9V ² VSS ² 13V.
Measure current into VSS when
16.00
25.00
mA
V5REF ILOAD=0mA. 13V < VSS ² 16V.
Measure current into VSS when
16.00
30.00
mA
V5REF ILOAD=0mA. 16V < VSS ² 20V.
s Low VCC Supply Current
Float VSS. Set VCC=7V & measure
1.50
3.50
mA
VCC current while V5REF ILOAD=0mA.
s VSS TO VCC DIODE
Diode ON Voltage
Measure VSS - VCC.
0.20
0.75
1.00
V
s Reference
5V Internal Voltage Reference
Measure VREF voltage when
4.85
5.00
5.15
V
IREF=0 and IREF=20 mA.
VREFOK Threshold
Adjust VREF from 4.8V-4.0V until
4.30
4.55
4.70
V
PWM1,2 goes low.
s Low VCC Lockout
VCC Turnon Threshold Voltage
VCC increasing until ICC > 3.5mA
7.00
7.25
7.50
V
V5REF ILOAD = 0mA
VCC Turnoff Threshold Voltage
VCC decreasing until ICC < 3.5mA
6.30
6.70
7.10
V
V5REF ILOAD = 0mA
Hysteresis
Turnon - Turnoff
0.40
0.55
0.70
V
s Clock
Operating Frequency1
Measure frequency from SYNCOUT.
485.0
512.0
540.0
kHz
SYNCIN Input Impedance
Measure input impedance.
7.00
15.00
k½
SYNCOUT Output Low Voltage
RLOAD = 2k½ to V5REF
1.00
1.50
V
SYNCOUT Output High
RLOAD = 2k½ to Gnd
3.50
4.20
V
Voltage
SYNCIN Detect Frequency
Verify SYNCOUT = SYNCIN,
425.0
555.0
kHz
RLOAD = 2k½ to Gnd
Max. Low SYNC Rej. Frequency Verify SYNCOUT = FCLK when
340.0
kHz
RLOAD = 2k½ to Gnd.
Min. High SYNC Rej. Frequency Verify SYNCOUT = FCLK when
690
kHz
RLOAD = 2k½ to Gnd.
SYNCIN Input Threshold
Functional Testing
0.90
1.85
2.90
V
Voltage
Verify FCLK from 1.0V to 2.8V.
Main PWM Clock Pulse
(GBD) - CLPH1
Width
One Shot Pulse Width
80.0
100.0
120.0
ns
Aux PWM Clock Pulse
(GBD) -CLPH2
Width
One Shot Pulse Width
80.0
100.0
120.0
ns
s Bias Supply Error Amplifier
Output Low Voltage
VSS > 12.6V. Measure OAOUT
43.0
85.0
mV
voltage when sinking 1.0 mA.
Output High Voltage
VSS < 11.4V. Measure OAOUT
4.55
4.75
V
voltage when sourcing 150µA.
Output High Source Current
VSS < 11.4V. Measure OAOUT source
150.0
225.0
300.0
µA
current when OAOUT = 0.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com