Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5106 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS5106
Description  Multi-Feature, Synchronous plus Auxiliary PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5106 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS5106 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
VAUXP
VIN
VIN
VIN
SYNCIN
ENABLE
SYNCOUT
VMAIN
VAUXS
V5REF
UVSD
ENABLE
OVSD
V5REF
SYNC IN
SYNC OUT
PROGRAM
OAM
OAOUT
OUVDELAY
DLYSET
FADJ
ILIM1
ILIM2
RAMP1
RAMP2
VFB1
VFB2
VSS
VDD
VCC
GATE1
GATE2
GATE2B
VIN
R1
R2
R3
R4
C3
CS5106
C4
D1
T1
D2
C5
R5
C7
Q1
VAUXS
CNY17-4
VAUXP
D3
C9
C10
R9
R10
R12
D4
T4
T3
R23
R22
R21
Q6
Q7
Q3
Q4
C12
T2
C11
Q5
R19
R18
R17
C14
C13
TL431
R16
D5
R15
R14
C8
R24
R25
R8
Q2
R11
R13
L1
D6
R20
C1
C2
R6
R26
R27
D8
R7
C6
D7
s
Programmable Fixed
Frequency
s
Programmable FET Non-
overlap
s
Enable Lead
s
12V Fixed Auxiliary
Supply Control
s
Under and Overvoltage
Shutdown
s
Output Undervoltage
Protection with Timer
s
Master/Slave Clock
Syncing Capability
s
Sync Frequency Range
Detection
s
80ns PWM Propagation
Delay
s
20mA 5V Reference
Output
s
Small 24 lead SSOP
Package
s
Controlled Hiccup Mode
Package Options
Multi-Feature, Synchronous plus Auxiliary
PWM Controller
CS5106
Description
The CS5106 is a fixed frequency,
current mode controller with one
single NFET driver and one dual
FET, synchronous driver. The syn-
chronous driver allows for
increased efficiency of the main iso-
lated power stage and the single
driver allows the designer to devel-
op auxiliary supplies for controller
power as well as secondary side
house keeping. In addition,
because the synchronous drivers
have programmable FET non-over-
lap, the CS5106 is an ideal con-
troller for soft-switched converter
topologies.
The CS5106 is specifically designed
for isolated topologies where speed,
flexibility, reduced size and
reduced component count are
requirements. The controller con-
tains the following features:
Undervoltage Shutdown,
Overvoltage Shutdown,
Programmable Frequency,
Programmable Synchronous Non-
Overlap Time, Master/Slave
Clocking with Frequency Range
Detection, Enable, Output
Undervoltage Protection with
Timer, 20mA 5V Output, 80ns
PWM propagation delay, and
Controlled Hiccup Mode.
The CS5106 has junction tempera-
ture and supply ranges of -40ûC to
125ûC and 9V to 16V respectively
and is available in the 24 lead SSOP
package.
Applications Diagram
24 Lead SSOP
1
1
UVSD
OVSD
OAM
OAOUT
V5REF
OUVDELAY
ILIM1
RAMP1
VFB1
VSS
VCC
GATE1
ENABLE
PROGRAM
SYNCIN
SYNCOUT
FADJ
DLYSET
ILIM2
RAMP2
VFB2
VDD
GATE2B
GATE2
Rev. 10/27/98
48V to 3.3V Forward Converter with Synchronous Rectifiers
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
A
Company
¨


Similar Part No. - CS5106

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5101 CHERRY-CS5101 Datasheet
153Kb / 7P
Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
Rev. 3/31/97
logo
ON Semiconductor
CS5101 ONSEMI-CS5101 Datasheet
142Kb / 9P
Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
October, 2006 ??Rev. 6
logo
Cirrus Logic
CS5101A CIRRUS-CS5101A Datasheet
466Kb / 40P
16-Bit, 100kHz/ 20kHz A/D Converters
CS5101A CIRRUS-CS5101A Datasheet
574Kb / 39P
16-bit, 100 kSps / 20 kSps A/D Converters
CS5101A-AL8 CIRRUS-CS5101A-AL8 Datasheet
466Kb / 40P
16-Bit, 100kHz/ 20kHz A/D Converters
More results

Similar Description - CS5106

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP2003 ANACHIP-AP2003 Datasheet
132Kb / 6P
Synchronous PWM Controller
Rev. 0.1 Feb.10, 2004
AP2002 ANACHIP-AP2002 Datasheet
180Kb / 7P
Synchronous PWM Controller
Rev. 0.2 Apr 14, 2004
AP2007 ANACHIP-AP2007 Datasheet
181Kb / 7P
Synchronous PWM Controller
Rev. 1.0 Apr 1, 2005
logo
ON Semiconductor
NCP3020A ONSEMI-NCP3020A Datasheet
534Kb / 23P
Synchronous PWM Controller
November, 2009 ??Rev. P1
NCP3012 ONSEMI-NCP3012 Datasheet
354Kb / 26P
Synchronous PWM Controller
May, 2010 ??Rev. 0
logo
Diodes Incorporated
AP2014 DIODES-AP2014_09 Datasheet
270Kb / 14P
SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
logo
ON Semiconductor
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
412Kb / 28P
Synchronous PWM Controller
June, 2011 ??Rev. 3
NCV3020ADR2G ONSEMI-NCV3020ADR2G Datasheet
778Kb / 23P
Synchronous PWM Controller
January, 2013 ??Rev. 6
NCP3030A ONSEMI-NCP3030A Datasheet
375Kb / 23P
Synchronous PWM Controller
April, 2011 ??Rev. 1
NCP3011 ONSEMI-NCP3011_15 Datasheet
369Kb / 28P
Synchronous PWM Controller
September, 2015 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com