Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5106 Datasheet(PDF) 4 Page - Cherry Semiconductor Corporation

Part # CS5106
Description  Multi-Feature, Synchronous plus Auxiliary PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5106 Datasheet(HTML) 4 Page - Cherry Semiconductor Corporation

  CS5106 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Electrical Characteristics: TJ = -40¡C to 125¡C, VSS = 9 to 16V, V5REF ILOAD = 2mA, SYNCOUT Free Running, unless other-
wise specified. For All Specs: UVSD=6V, OVSD = 0V, ENABLE = 0V, ILIM(1,2) = 0,VFB(1,2) = 3V,RFADJ = RDLYSET = 27.4k½.
s Bias Supply Error Amplifier: continued
Output Low Sink Current
VSS > 12.6V. Measure OAOUT sink
3.0
20.0
50.0
mA
current when OAOUT = 2.5V.
VSS Set Point
Adjust VSS until OAOUT goes low.
11.60
12.25
12.80
V
Large Signal Gain
(GBD)
15.00
V/mV
Unity Gain Bandwidth
(GBD)
1.00
MHz
Common Mode Input Range
(GBD)
1.00
2.00
V
s VSS Voltage
VSS Reset Voltage
Toggle ENABLE between Gnd & VCC,
then adjust VSS from 2.0V-0.8V until
OAOUT goes high.
1.00
1.40
1.80
V
s Undervoltage Lockout
UVSD Turn On
Adjust UVSD from 4.7V-5.3V
4.80
5.00
5.10
V
Threshold Voltage
until GATE 1, 2 goes high.
UVSD Turn Off Threshold
Adjust UVSD from 5.1V-4.3V
4.45
4.70
4.95
V
Voltage
until GATE 1, 2 goes low.
Hysteresis
Turnon - Turnoff
0.20
0.27
0.40
V
UVSD Input Bias Current
Set UVSD=0V. Measure Current
0.20
0.50
µA
out of UVSD lead.
s Overvoltage Lockout
OVSD Threshold Voltage
Adjust OVSD from 4.7V-5.3V
4.85
5.00
5.15
V
until GATE 1, 2 goes low.
OVSD Input Bias Current
Set OVSD=0V. Measure Current out
0.20
0.50
µA
of OVSD lead.
s ENABLE & PROGRAM
ENABLE Lead Output Current
Measure current out of
100.0
266.0
500.0
µA
ENABLE when ENABLE = 0V.
PROGRAM Lead Output
Measure current out of
20.0
60.0
100.0
µA
Current
PROGRAM when PROGRAM = 0V.
PROGRAM Threshold
ENABLE = Gnd. Adjust
1.20
1.40
1.60
V
Voltage
PROGRAM from 1.0V - 1.8V
until GATE 1, 2 goes high.
ENABLE Threshold Voltage
PROGRAM = Gnd.
1.20
1.40
1.60
V
Adjust ENABLE from 1.0V - 1.8V
until GATE 1, 2 goes high.
s Output Undervoltage Delay
OUVDELAY Charging
Set OUVDELAY = 1V, VFB1 = 4.4V
7.50
10.00
12.50
µA
Current
Measure OUVDELAY ICHARGE.
OUVDELAY Latchoff Voltage
Toggle ENABLE between Gnd & VCC,
4.80
5.00
5.20
V
then adjust OUVDELAY from
4.7V - 5.3V until GATE 1, 2, goes low.
OUVDELAY Set Current
OUVDELAY = VOCLO + 50mV
0.50
1.00
mA
Measure current into OUVDELAY.
VFB1 Charge Threshold
VSS=1V. Toggle ENABLE between
4.05
4.22
4.40
V
Gnd & VCC, adjust VFB1 from 3.8V - 4.6V
until GATE 1, 2 goes low.
VFB2 Charge Threshold
VSS = 1V. Toggle ENABLE between
3.90
4.15
4.35
V
Gnd & VCC, adjust VFB2 from 3.8V - 4.6V
until GATE 1, 2 goes low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com