Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8161 Datasheet(PDF) 6 Page - Cherry Semiconductor Corporation

Part # CS8161
Description  12V, 5V Low Dropout Dual Regulator with ENABLE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8161 Datasheet(HTML) 6 Page - Cherry Semiconductor Corporation

  CS8161 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8161 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8161 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8161 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8161 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8161 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8161 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8161 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Since both outputs are controlled by the same ENABLE,
the CS8161 is ideal for applications where a sleep mode is
required. Using the CS8161, a section of circuitry such as a
display and nonessential 5V circuits can be shut down
under microprocessor control to conserve energy.
The example in the Applications Diagram shows an auto-
motive radio application where the display is powered by
the 12V on VOUT
1 and the Tuner IC is powered by the 5V
on VOUT
2. Neither output is required unless both the igni-
tion and the Radio On/Off switch are on.
The output compensation capacitor (Application diagram
C2 and C3) helps determine three main characteristics of a
linear regulator: start-up delay, load transient response
and loop stability.
The capacitor value and type should be based on cost,
availability, size and temperature constraints. A tantalum
or aluminum electrolytic capacitor is best, since a film or
ceramic capacitor with almost zero ESR, can cause insta-
bility. The aluminum electrolytic capacitor is the least
expensive solution, but, if the circuit operates at low tem-
peratures (-25¡C to -40¡C), both the value and ESR of the
capacitor will vary considerably. The capacitor manufac-
turers data sheet usually provide this information.
The values for the output capacitors C2 and C3 shown in
the Applications Circuit should work for most applica-
tions, however it is not necessarily the best solution.
To determine an acceptable value for C2 and C3 for a par-
ticular application, start with tantalum capacitors of the
recommended value on each output and work towards
less expensive alternative parts for each output in turn.
6
CS8161
C1*
0.1
mF
ENABLE
VIN
VOUT
1
Gnd
C3**
22
mF
+
+
22
mF
C2**
VOUT
2
Display
Tuner
NOTES:
* C1 required if regulator is located far from power supply filter.
** C2, C3 required for stability, value may be increased. Capacitor must operate at minimum temperature expected.
Application Diagram
Stability Considerations
VIN
ENABLE
VOUT
1
System
Condition
60V
3V
2.4V
12V
0V
Turn
On
Load
Dump
Low VIN
Line Noise, Etc.
VOUT
1
Short
Circuit
Thermal
Shutdown
VOUT
1
Turn
Off
5V
0V
14V
5V
2.0V
0.8V
14V
26V
31V
12V
12V
2.4V
12V
12V
0V
0V
VOUT
2
0V
5V
0V
0V
VOUT
2
Short
Circuit
Typical Circuit Waveform
Application Notes



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com