Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8161 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS8161
Description  12V, 5V Low Dropout Dual Regulator with ENABLE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8161 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS8161 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8161 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8161 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8161 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8161 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8161 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8161 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8161 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
PACKAGE PIN #
PIN SYMBOL
FUNCTION
Typical Performance Characteristics
Package Pin Description
-40
-20
0
20
40
60
80
100
120
140
160
11.750
11.790
11.830
11.870
11.910
11.950
11.990
12.030
12.070
12.110
12.150
Temperature (Deg. C)
VIN = 14V
IOUT1 = 5A
Output Voltage vs. Temperature for VOUT
1
0
50
100
150
200
250
300
350
400
450
500
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
Output Current (mA)
-40
°C
125
°C
25
°C
VIN = 13 - 26V
Line Regulation vs. Output Current for VOUT
1
0
50
100
150
200
250
300
350
400
450
500
-40
-35
-30
-20
-15
-10
-5
0
5
10
15
Output Current (mA)
VIN = 14.0V
125
°C
25
°C
-40
°C
Load Regulation vs. Output Current for VOUT
1
0
50
100
150
200
250
300
350
400
450
500
0
10
20
30
40
50
60
70
80
90
100
Output Current (mA)
-40
°C
125
°C
25
°C
VIN = 14.0V
No Load on VOUT2
Quiescent Current vs. Output Current for VOUT
1
5 L TO-220
16L SO Wide
13
VIN
Supply voltage, usually direct from battery.
26
VOUT
1
Regulated output 12V, 400mA (typ)
3
4,5,12,13,15,16
Gnd
Ground connection.
4
8
ENABLE
CMOS compatible input pin; switches outputs on and off. When
ENABLE is high VOUT
1 and VOUT2 are active.
510
VOUT
2
Output 5V, 200mA (typ).
N/A
7
Sense1
Kelvin connection that allows remote sensing of VOUT
1 for
improved regulation. If remote sensing is not required, connect
to VOUT
1.
N/A
11
Sense2
Kelvin connection that allows remote sensing of VOUT
2 for
improved regulation. If remote sensing is not required, connect
to VOUT
2.
N/A
1,2,9,14
NC
No Connection



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com