Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8161 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS8161
Description  12V, 5V Low Dropout Dual Regulator with ENABLE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8161 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS8161 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8161 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8161 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8161 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8161 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8161 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8161 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8161 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Electrical Characteristics for VOUT: 6V ² VIN ² 26V, IOUT
1 = 5mA, IOUT2 = 5mA, -40¡C ² TJ ² +150ûC,
-40¡C ² TA ² +125ûC; unless otherwise specified.
s Primary Output Stage(VOUT
1)
Output Voltage, VOUT
1
13V²VIN²26V, IOUT
1²400mA
11.4
12.0
12.6
V
Dropout Voltage
IOUT
1=400mA
0.35
0.6
V
Line Regulation
13V²VIN²20V,5mA² IOUT<400mA
80
mV
Load Regulation
5mA² IOUT
1²400mA, VIN=14V
80
mV
Quiescent Current
IOUT
1 =100mA, No Load on VOUT2
812
mA
IOUT
1 =400mA, No Load on VOUT2
50
75
mA
Ripple Rejection
f=120Hz, IOUT=300µA,
42
dB
VIN=15.0VDC, 2VRMS
Current Limit
0.40
1.0
A
Reverse Polarity
VOUT
1 ³-0.6V, 10½ Load
-30
-18
V
Input Voltage, DC
Reverse Polarity Input
1% Duty Cycle, t=100ms, VOUT³-6V,
-80
-50
V
Voltage, Transient
10½ Load
Over-voltage Shutdown
28
34
45
V
Short Circuit Current
700
mA
s Secondary Output (VOUT
2)
Output Voltage, (VOUT
2)
6V²VIN²26V, IOUT
2²200mA
4.90
5.10
V
Dropout Voltage
IOUT
2 ²200mA
0.35
0.60
V
Line Regulation
6V²VIN²26V, 1mA²IOUT²200mA
50
mV
Load Regulation
1mA²IOUT
2²200mA, 9VIN=14V
50
mV
Quiescent Current
IOUT
2 =50mA
5
10
mA
IOUT
2 =200mA
20
35
mA
Ripple Rejection
f=120Hz; IOUT=10mA,
42
dB
VIN=15V, 2VRMS
Current Limit
200
600
mA
Short Circuit Current
400
mA
s ENABLE Function (ENABLE)
Input ENABLE Threshold
VOUT
1 Off
1.30
0.80
V
VOUT
1 On
2.00
1.30
V
Input ENABLE Current
VENABLE=5.5V
80
500
µA
VENABLE<0.8V
-10
10
µA
s Other Features
Sleep Mode
VENABLE<0.4V
0.2
50
µA
Thermal Shutdown
150
210
¡C
Quiescent Current in Dropout IOUT
1=100mA, IOUT2=50mA
60
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com