Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8161 Datasheet(PDF) 4 Page - Cherry Semiconductor Corporation

Part # CS8161
Description  12V, 5V Low Dropout Dual Regulator with ENABLE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8161 Datasheet(HTML) 4 Page - Cherry Semiconductor Corporation

  CS8161 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8161 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8161 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8161 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8161 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8161 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8161 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8161 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Typical Performance Characteristics: continued
0
400
50
100
500
150
200
250
300
350
450
50
100
150
200
250
300
350
400
450
500
550
600
Output Current (mA)
VIN = 11V
0
125
°C
25
°C
-40
°C
Dropout Voltage vs. Output Voltage for VOUT
1
0
50
100
150
200
250
300
350
400
450
500
0
10
20
30
40
50
70
80
90
110
150
Output Current (mA)
-40
°C
125
°C
25
°C
VIN = 11.0V
No Load on VOUT2
140
130
120
60
100
Quiescent Current vs Output Current @ Dropout for VOUT
1
-40
-20
0
20
40
60
80
100
120
140
160
4.975
4.980
4.985
4.990
4.995
5.000
5.005
5.010
5.015
5.020
5.025
Temperature (Deg. C)
VIN = 14V
IOUT = 5mA
Output Voltage vs. Temperature for VOUT
2
0
25
50
75
250
100
125
150
175
200
225
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
Output Current (mA)
125
°C
25
°C
-40
°C
VIN = 6 - 26V
Line Regulation vs Output Current for VOUT
2
025
50
75
100
125
150
175
200
225
250
-18
-12
-10
-8
-6
-4
-2
2
4
6
8
Output Current (mA)
VIN = 14.0V
125
°C
25
°C
-40
°C
0
-14
-16
Load Regulation vs Output Current for VOUT
2
025
50
75
100
125
150
175
200
225
250
0
5
10
15
20
25
30
35
40
45
50
Output Current (mA)
-40
°C
125
°C
25
°C
VIN = 14.0V
No Load on VOUT1
Quiescent Current vs Output Current for VOUT
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com