Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8161 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS8161
Description  12V, 5V Low Dropout Dual Regulator with ENABLE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8161 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS8161 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8161 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8161 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8161 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8161 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8161 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8161 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8161 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Features
s
Two regulated outputs
12V ±5.0%; 400mA
5V ±2.0%; 200mA
s
Very low SLEEP mode cur-
rent drain 200nA
s
Fault Protection
Reverse Battery (-15V)
74V Load Dump
-100V Reverse Transient
Short Circuit
Thermal Shutdown
Package Options
TO-220 5 Lead
16 Lead SO Wide
(internally fused leads)
Tab (Gnd)
1
CS8161
Description
VIN
VOUT
2
Gnd
VOUT
1
ENABLE
+
-
Bandgap
Reference
+
-
+
-
Thermal
Shutdown
Over Voltage
Shutdown
Anti-saturation
and
Current Limit
Anti-saturation
and
Current Limit
Pre-Regulator
Block Diagram
Absolute Maximum Ratings
Input Voltage
Operating Range .....................................................................Ð15V to 26V
Overvoltage Protection.........................................................................74V
Internal Power Dissipation ..................................................Internally Limited
Junction Temperature Range.......................................................Ð40¡C +150¡C
Storage Temperature Range....................................................Ð65¡C to +150¡C
Lead Temperature Soldering
Wave Solder (through hole styles only)..........10 sec. max, 260¡C peak
Reflow (SMD styles only)...........60 sec. max above 183¡C, 230¡C peak
ESD (Human Body Model) ...........................................................................2kV
The CS8161 is a 12V/5V dual out-
put linear regulator. The 12V ± 5%
output sources 400mA and the 5V
±2.0% output sources 200mA.
The on board ENABLE function
controls the regulatorÕs two out-
puts. When the ENABLE pin is
low, the regulator is placed in
SLEEP mode. Both outputs are dis-
abled and the regulator draws only
200nA of quiescent current.
The primary output, VOUT
1 is pro-
tected against overvoltage condi-
tions. Both outputs are protected
against short circuit and thermal
runaway conditions.
The CS8161 is packaged in a 5 lead
TOÐ220 with copper tab. The cop-
per tab can be connected to a heat
sink if necessary. It is also available
in a 16 lead SO wide package.
1VIN
2VOUT
1
3 Gnd
4 ENABLE
5VOUT
2
VIN
VOUT(1)
NC
VOUT(2)
SENSE1
SENSE1
NC
NC
NC
Gnd
Gnd
Gnd
Gnd
Gnd
Gnd
ENABLE
1
12V, 5V Low Dropout Dual Regulator
with ENABLE
A
Company
¨
Rev. 4/5/99
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com


Similar Part No. - CS8161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8161 ONSEMI-CS8161 Datasheet
97Kb / 11P
12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
June, 2006 ??Rev. 7 1
CS8161 ONSEMI-CS8161 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS8161YT5 ONSEMI-CS8161YT5 Datasheet
97Kb / 11P
12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
June, 2006 ??Rev. 7 1
CS8161YT5G ONSEMI-CS8161YT5G Datasheet
97Kb / 11P
12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
June, 2006 ??Rev. 7 1
CS8161YTHA5 ONSEMI-CS8161YTHA5 Datasheet
97Kb / 11P
12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
June, 2006 ??Rev. 7 1
More results

Similar Description - CS8161

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
Rev. 10/21/97
CS8147 CHERRY-CS8147 Datasheet
173Kb / 8P
10V/5V Low Dropout Dual Regulator with ENABLE
Rev. 4/5/99
CS8156 CHERRY-CS8156 Datasheet
172Kb / 8P
12V, 5V Low Dropout Dual Regulator with ENABLE
CS8164 CHERRY-CS8164 Datasheet
167Kb / 8P
8V/5V Low Dropout Dual Regulator with ENABLE
CS8281 CHERRY-CS8281 Datasheet
153Kb / 6P
5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
CS8361 CHERRY-CS8361 Datasheet
169Kb / 6P
5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
CS8391 CHERRY-CS8391 Datasheet
152Kb / 6P
5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
logo
Global Mixed-mode Techn...
G965 GMT-G965 Datasheet
400Kb / 8P
1.5A Low Dropout Regulator with Enable
G9105 GMT-G9105 Datasheet
404Kb / 9P
5V 1A Low Dropout Regulator with Enable
G98MXX GMT-G98MXX Datasheet
77Kb / 1P
5V~12V 1A Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com