Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297A Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS4297A
Description  CrystalClear SoundFusion Audio Codec 97
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297A Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS4297A Datasheet HTML 12Page - Cirrus Logic CS4297A Datasheet HTML 13Page - Cirrus Logic CS4297A Datasheet HTML 14Page - Cirrus Logic CS4297A Datasheet HTML 15Page - Cirrus Logic CS4297A Datasheet HTML 16Page - Cirrus Logic CS4297A Datasheet HTML 17Page - Cirrus Logic CS4297A Datasheet HTML 18Page - Cirrus Logic CS4297A Datasheet HTML 19Page - Cirrus Logic CS4297A Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
CS4297A
16
3.2
AC-Link Audio Input Frame
In the serial data input frame, data is passed on the SDATA_IN pin from the CS4297A to the AC ’97 con-
troller. The data format for the input frame is very similar to the output frame. Figure 9 on page 13 illus-
trates the serial port timing.
The PCM capture data from the CS4297A is shifted out MSB first in the most significant 18 bits of each
slot. The least significant 2 bits in each slot will be ‘cleared’. If the host requests PCM data from the
AC ’97 Controller that is less than 18 bits wide, the controller should dither and round or just round (but
not truncate) to the desired bit depth.
Bits that are reserved or not implemented in the CS4297A will always be returned ‘cleared’.
3.2.1
Serial Data Input Slot Tag Bits (Slot 0)
Codec Ready
The Codec Ready bit indicates the readiness of the CS4297A AC-link. Immediately after a
Cold Reset this bit will be ‘clear’. Once the CS4297A clocks and voltages are stable, this bit
will be ‘set’. Until the Codec Ready bit is ‘set’, no AC-link transactions should be attempted
by the controller. The Codec Ready bit does not indicate readiness of the DACs, ADCs, Vref,
or any other analog function. Those must be checked in the Powerdown Control/Status Reg-
ister (Index 26h) by the controller before any access is made to the mixer registers. Any ac-
cesses to the CS4297A while Codec Ready is ‘clear’ are ignored.
Slot 1 Valid
When ‘set’, the Slot 1 Valid bit indicates Slot 1 contains a valid read back address.
Slot 2 Valid
When ‘set’, the Slot 2 Valid bit indicates Slot 2 contains valid register read data.
Slot [3:10] Valid
When ‘set’, the Slot [3:10] Valid bits indicate Slot [3:10] contains valid capture data from the
CS4297A ADCs. Only if a Slot [3:10] Valid bit is ‘set’ will the corresponding input slot contain
valid data.
3.2.2
Status Address Port (Slot 1)
RI[6:0]
Register Index. The RI[6:0] bits echo the AC ’97 register address when a register read has
been requested in the previous frame. The CS4297A will only echo the register index for a
read access. Write accesses will not return valid data in Slot 1.
Bit 15
14
13
12
11
10
9
8
7
6
543210
Codec
Ready
Slot 1
Valid
Slot 2
Valid
Slot 3
Valid
Slot 4
Valid
Slot 5
Valid
Slot 6
Valid
Slot 7
Valid
Slot 8
Valid
Slot 9
Valid
Slot 10
Valid
00000
Bit 19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3210
0
RI6
RI5
RI4
RI3
RI2
RI1
RI0
0
0
0
0
0
0
0
0
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com